Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-CB3D-SU002 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-CB3D-SU002
Description  High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-CB3D-SU002 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-CB3D-SU002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3D-SU002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Rating, TJ = 25 °C
Parameter
Red and Amber
Blue and Green
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
114
mW
Reverse Voltage
5 (IR = 100 μA) [4]
5 (IR = 10 μA) [4]
V
LED Junction Temperature
110
°C
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4 and Figure 9.
2. Duty Factor 30%, frequency 1 kHz.
3. Duty Factor 10%, frequency 1 kHz.
4. Indicates product final testing; long-term reverse bias is not recommended.
Electrical / Optical Characteristics, TJ= 25 °C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Amber
Green
Blue
VF
1.8
1.8
2.8
2.8
2.1
2.1
3.2
3.2
2.4
2.4
3.8
3.8
V
IF = 20 mA
Reverse Voltage
Red & Amber
Green & Blue
VR
5
5
V
IF = 100 μA
IF = 10 μA
Dominant Wavelength [1]
Red
Amber
Green
Blue
λd
618.0
584.5
519.0
460.0
626.0
590.0
525.0
470.0
630.0
594.5
539.0
480.0
IF = 20 mA
Peak Wavelength
Red
Amber
Green
Blue
λPEAK
634
594
516
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Thermal Resistance
R
θJ-PIN
130
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Red
Amber
Green
Blue
ηV
200
520
530
65
lm/W
Emitted Luminous Power/Emitted
Radiant Power
Thermal coefficient of
λd
Red
Amber
Green
Blue
0.059
0.103
0.028
0.024
nm/
°C IF = 20 mA ; +25 °C ≤ TJ ≤ +100 °C
Notes:
1. The dominant wavelength is derived from the chromaticity diagram and represents the color of the lamp.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IVV where IV is the luminous intensity in candelas and ηV is
the luminous efficacy in lumens/watt.


Similar Part No. - ALMD-CB3D-SU002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALMD-CB3D-SU002 BOARDCOM-ALMD-CB3D-SU002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
More results

Similar Description - ALMD-CB3D-SU002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EG3D-VX002 AVAGO-ALMD-EG3D-VX002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-EL3D BOARDCOM-ALMD-EL3D Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
   High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
AEMD-EG3K BOARDCOM-AEMD-EG3K Datasheet
1Mb / 14P
   High Brightness Red and Amber SMT Round Lamps
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM36 AVAGO-ALMD-LM36 Datasheet
628Kb / 11P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
ALMD-CM1F BOARDCOM-ALMD-CM1F Datasheet
828Kb / 13P
   High-Brightness SMT Round Green and Blue LED Lamps
AEMD-CM3L BOARDCOM-AEMD-CM3L Datasheet
1Mb / 14P
   High Brightness Green and Blue SMT Round Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com