Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4012BA1W33 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZSPM4012BA1W33
Description  High Efficiency 2A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4012BA1W33 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZSPM4012BA1W33 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4012BA1W33 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ZSPM4012B
High Efficiency 2A Synchronous Buck Converter
Data Sheet
April 4, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 22
1
ZSPM4012B Characteristics
Important: Stresses beyond those listed under “Absolute Maximum Ratings” (section 1.1) may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating Conditions” (section 1.3) is not implied.
Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
1.1.
Absolute Maximum Ratings
Over operating free
–air temperature range unless otherwise noted.
Table 1.1
Absolute Maximum Ratings
Parameter
Value
1)
UNIT
Voltage on VCC pin
-0.3 to 26.4
V
Voltage on BST pin
-0.3 to (VCC+6)
V
Voltage on VSW pin
-1 to 26.4
V
Voltage on EN, PG, FB pins
-0.3 to 6
V
Electrostatic Discharge
– Human Body Model
2)
+/-2k
V
Electrostatic Discharge
– Charge Device Model
2)
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
C
1)
All voltage values are with respect to network ground terminal.
2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
1.2.
Thermal Characteristics
Table 1.2
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance Junction to Air
1)
JA
38
°C/W
Storage Temperature Range
TSTG
-65 to 150
°C
Maximum Junction Temperature
TJ MAX
150
°C
Operating Junction Temperature Range
TJ
-40 to 125
°C
1)
Assumes 1 in
2 area of 2 oz. copper and 25
C ambient temperature.


Similar Part No. - ZSPM4012BA1W33

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012BA1W33 IDT-ZSPM4012BA1W33 Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W33 RENESAS-ZSPM4012BA1W33 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W33

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com