Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4013B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZSPM4013B
Description  High Efficiency 3A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4013B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZSPM4013B Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM4013B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ZSPM4013B
High Efficiency 3A Synchronous Buck Converter
Data Sheet
April 4, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 22
1.3.
Recommended Operating Conditions
Table 1.3
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Input Operating Voltage
VCC
4.5
12
18
V
Bootstrap Capacitor
CBST
17.6
22
26.4
nF
Output Filter Inductor Typical Value
1)
LOUT
3.76
4.7
5.64
µH
Output Filter Capacitor Typical Value
2)
COUT
33
44 (2 x 22)
µF
Output Filter Capacitor ESR
COUT-ESR
2
35
100
m
Input Supply Bypass Capacitor Typical Value
3)
CBYPASS
8
10
µF
1)
For best performance, use an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the
inductor current ripple.
2)
For best performance, a low ESR ceramic capacitor should be used.
3)
For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1µF ceramic
capacitor should be added in parallel to CBYPASS.
1.4.
Electrical Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VCC = 12V (unless otherwise noted)
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
Input Supply Voltage
VCC
4.5
18
V
Quiescent Current:
Normal Mode
ICC-NORM
VCC = 12V, ILOAD = 0A,
EN
 2.2V
5.2
mA
Quiescent Current:
Normal Mode, Non-switching
ICC-NOSWITCH
VCC=12V, ILOAD=0A, EN  2.2V
Non-switching
2.3
mA
Quiescent Current:
Disabled Mode
ICC-DISABLE
VCC = 12V, EN = 0V
5
10
µA
VCC Under-Voltage Lockout
Input Supply Under-Voltage
Threshold
VCC-UV
VCC Increasing
4.1
4.3
4.5
V
Input Supply Under-Voltage
Threshold Hysteresis
VCC-UV_HYST
650
mV
Oscillator
Oscillator Frequency
fOSC
0.9
1
1.1
MHz


Similar Part No. - ZSPM4013B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
Integrated Device Techn...
ZSPM4013BA1W00 IDT-ZSPM4013BA1W00 Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013BA1W00 RENESAS-ZSPM4013BA1W00 Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
Integrated Device Techn...
ZSPM4013BA1W15 IDT-ZSPM4013BA1W15 Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
More results

Similar Description - ZSPM4013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
   ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com