Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4013BA1W18 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSPM4013BA1W18
Description  High Efficiency 3A Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4013BA1W18 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSPM4013BA1W18 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4013BA1W18 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ZSPM4013B
High Efficiency 3A Synchronous Buck Converter
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00 — April 4, 2013 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
For more information, contact ZMDI via Analog@zmdi.com.
Brief Description
The
ZSPM4013B
is
a
DC/DC
synchronous
switching regulator with fully integrated power
switches, internal compensation, and full fault
protection. The 1MHz switching frequency enables
using small filter components, resulting in reduced
board space and reduced bill-of-materials costs.
The ZSPM4013B utilizes current mode feedback in
normal regulation pulse-width modulation (PWM)
mode. When the regulator is disabled (EN pin is
low), the ZSPM4013B draws less than 10µA quies-
cent current.
The ZSPM4013B integrates a wide range of
protection circuitry, including input supply under-
voltage lockout, output voltage soft start, current
limit, VOUT over-voltage, and thermal shutdown.
The ZSPM4013B includes supervisory reporting
through the PG (Power Good) open-drain output to
interface other components in the system.
Features
Output voltage options (depends on order code):
Fixed output voltages: 1.5V, 1.8V, 2.5V,
3.3V, or 5V with +/- 2% output tolerance
Adjustable output voltage range: 0.9V to 5V
with +/- 1.5% reference
Wide input voltage range: 4.5V to 18V
1MHz +/- 10% fixed switching frequency
3A continuous output current
High efficiency – up to 95%
Current mode PWM control with pulse-
frequency modulation (PFM) mode for
improved light load efficiency
Voltage supervisor for V
OUT reported at the PG
pin
Input supply under-voltage lockout
Soft start for controlled startup with no
overshoot
Full protection for over-current, over-
temperature, and VOUT over-voltage
Less than 10µA in Disabled Mode
Low external component count
Benefits
Increased battery life
Minimal external component count
(3 capacitors, 1 inductor)
Inherent fault protection and reporting
Available Support
Evaluation Kit
Documentation
Physical Characteristics
Junction operating temperature: -40°C to 125°C
Packaged in a 16-pin QFN (3x3mm)
Related ZMDI Products
ZSPM4011B/ZSPM4012B: 1A/2A synchronous
buck converters, available with adjustable out-
put from 0.9 to 5V or fixed output voltages at
1.5V, 1.8V, 2.5V, 3.3V, 5.0V
(16-lead 3x3mm QFN)
ZSPM1000: >5A single-phase, single-rail, true
digital PWM controller (24-lead 4x4mm QFN)
ZSPM4013B Application Circuits
VOUT
Adjustable Output
VSW
VCC
FB
BST
VCC
PG
PG
RTOP
RBOT
10 k
Ω
(optional)
VOUT
EN
EN
CBYPASS
LOUT
COUT
CBST
VOUT
Fixed Output
EN
VSW
VCC
FB
VCC
EN
PG
PG
10k
Ω
(optional)
VOUT
BST
CBYPASS
CBST
COUT
LOUT


Similar Part No. - ZSPM4013BA1W18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4013BA1W18 IDT-ZSPM4013BA1W18 Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013BA1W18 RENESAS-ZSPM4013BA1W18 Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
More results

Similar Description - ZSPM4013BA1W18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
   ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com