Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4013AA1W50 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZSPM4013AA1W50
Description  High Efficiency 3A Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4013AA1W50 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZSPM4013AA1W50 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM4013AA1W50 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ZSPM4013
High Efficiency 3A Synchronous Buck Converter
Data Sheet
October 10, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.10
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
8 of 21
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PG Open Drain Output
PG Release Timer
TPG
10
ms
High-Level Output Leakage
IOH-PG
VPG = 5V
0.5
µA
Low-Level Output Voltage
VOL-PG
IPG = -0.3mA
0.01
V
EN Input Voltage Thresholds
High Level Input Voltage
VIH-EN
2.2
V
Low Level Input Voltage
VIL-EN
0.8
V
Input Hysteresis
VHYST-EN
480
mV
Input Leakage
IIN-EN
VEN=5V
3.5
µA
VEN=0V
-1.5
µA
Thermal Shutdown
Thermal Shutdown Junction
Temperature
TSD
Note: Guaranteed by design
150
170
°C
TSD Hysteresis
TSDHYST
10
°C
1.5.
Regulator Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VCC = 12V (unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: LOUT=4.7µH and COUT=2 x 22µF
Output Voltage Tolerance in
PWM Mode
VOUT-
PWM
ILOAD =1A
VOUT
2%
VOUT
VOUT +
2%
V
Output Voltage Tolerance in
PFM Mode
VOUT-
PFM
ILOAD = 0A
VOUT
1%
VOUT +
1%
VOUT +
3.5%
V
High Side Switch On
Resistance
RDSON
IVSW = -1A
(See table note 1)
180
mΩ
Low Side Switch On
Resistance
IVSW = 1A
(See table note 1)
120
mΩ
Output Current
IOUT
3
A
Over Current Detect
IOCD
HS switch current
3.4
3.8
4.4
A
Feedback Reference
(Adjustable Mode)
FBTH
0.886
0.9
0.914
V
Feedback Reference
Tolerance
FBTH-TOL
-1.5
1.5
%


Similar Part No. - ZSPM4013AA1W50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4013AA1W50 RENESAS-ZSPM4013AA1W50 Datasheet
796Kb / 21P
   ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
More results

Similar Description - ZSPM4013AA1W50

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
   ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com