Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-LG36-WZ002 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LG36-WZ002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LG36-WZ002 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-LG36-WZ002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36-WZ002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ALMD-LL36, ALMD-LG36, ALMD-LM36, ALMD-LB36
High Brightness SMT Oval LED Lamps
Amber, Red, Green and Blue
Data Sheet
CAUTION: InGaN devices are Class 1C HBM ESD sensitive, AlInGaP devices are Class 1B ESD sensitive per JEDEC Standard.
Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Description
The Avago ALMD-Lx36 oval LED series has the same or
just slightly less luminous intensity than conventional
high brightness, through-hole LEDs.
The new oval LED lamps can be assembled using common
SMT assembly processes and are compatible with indus-
trial reflow soldering processes.
The LEDs are made with an advanced optical grade epoxy
for superior performance in outdoor sign applications.
The surface mount Oval LEDs are specifically designed for
full color/video signs and indoor or outdoor passenger
information sign applications.
For easy pick-and-place assembly, the LEDs are shipped
in EIA-compliant tape and reel. Every reel is shipped from
a single intensity and color bin– except the red color–for
better uniformity.
Package Dimensions
Features
• Well defined spatial radiation pattern
• High brightness material
• Available in Red, Amber, Green and Blue color:
– Red AlInGaP 626 nm
– Amber AlInGaP 590 nm
– Green InGaN 525 nm
– Blue InGaN 470 nm
• JEDEC MSL 2A
• Compatible with reflow soldering process
• Tinted and diffused lens
• Wide viewing angle: 40° x 100°
Applications
• Full color signs
• Mono color signs
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.20 mm unless other specified.
3.40±0.50
2.50±0.20
5.20±0.50
1.4 (4X)
1.0
A
A
C
C
A - Anode
C - Cathode
Orientation
(Anode Mark)
4.20±0.20
4.20±0.20
4.75±0.50
CAUTION: Customer is advised to keep the LED in the MBB when not in use as prolonged exposure to environment might cause the
silver plated leads to tarnish, which might cause difficulties in soldering.


Similar Part No. - ALMD-LG36-WZ002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG36 AVAGO-ALMD-LG36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
More results

Similar Description - ALMD-LG36-WZ002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
   High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM38 AVAGO-ALMD-LM38 Datasheet
635Kb / 11P
   High Brightness SMT Oval Green and Blue LED Lamps
logo
Broadcom Corporation.
ALMD-LM38 BOARDCOM-ALMD-LM38 Datasheet
635Kb / 11P
   High Brightness SMT Oval Green and Blue LED Lamps
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-EG3D-VX002 AVAGO-ALMD-EG3D-VX002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-EL3D BOARDCOM-ALMD-EL3D Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
AEMD-EG3K BOARDCOM-AEMD-EG3K Datasheet
1Mb / 14P
   High Brightness Red and Amber SMT Round Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com