Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-LL36-WZ002 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LL36-WZ002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LL36-WZ002 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-LL36-WZ002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36-WZ002 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 14. Recommended Soldering Land Pattern
Note: Recommended stencil thickness
is 0.1524mm (6 mils) minimum and
above
5.2
2.1
Figure 15. Recommended Pick and Place Nozzle Tip (Urethane PAD Tip)
Figure 16. Recommended Leaded Reflow Soldering Profile
Figure 17. Recommended Pb- Free Reflow Soldering Profile
Note: For detailed information on reflow soldering of Avago Surface Mount LED, refer to Avago Application Note AN1060 Surface Mounting SMT LED
Indicator Components.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
-6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
217°C
200°C
60 - 120 SEC.
6°C/SEC. MAX.
3 °C/SEC. MAX.
3°C/SEC. MAX.
150°C
255 - 260 °C
100 SEC. MAX.
10 to 30 SEC.
TIME
4.00
5.00
Pick &
Place
Nozzle
Nozzle Depth
Note:
1. Nozzle depth should be touching LED ange during pick and place.
2. Nozzle width should be able to t into LED carrier tape
LED Flange


Similar Part No. - ALMD-LL36-WZ002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
More results

Similar Description - ALMD-LL36-WZ002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
   High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM38 AVAGO-ALMD-LM38 Datasheet
635Kb / 11P
   High Brightness SMT Oval Green and Blue LED Lamps
logo
Broadcom Corporation.
ALMD-LM38 BOARDCOM-ALMD-LM38 Datasheet
635Kb / 11P
   High Brightness SMT Oval Green and Blue LED Lamps
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-EG3D-VX002 AVAGO-ALMD-EG3D-VX002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-EL3D BOARDCOM-ALMD-EL3D Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
AEMD-EG3K BOARDCOM-AEMD-EG3K Datasheet
1Mb / 14P
   High Brightness Red and Amber SMT Round Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com