Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-LM36-14002 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LM36-14002
Description  High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LM36-14002 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-LM36-14002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-LM36-14002 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Green Color Range
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
519.0
523.0
0.0667
0.8323
0.1450
0.7319
0.1200
0.7375
0.0979
0.8316
2
523.0
527.0
0.0979
0.8316
0.1711
0.7218
0.1450
0.7319
0.1305
0.8189
3
527.0
531.0
0.1305
0.8189
0.1967
0.7077
0.1711
0.7218
0.1625
0.8012
4
531.0
535.0
0.1625
0.8012
0.2210
0.6920
0.1967
0.7077
0.1929
0.7816
5
535.0
539.0
0.1929
0.7816
0.2445
0.6747
0.2210
0.6920
0.2233
0.7600
Tolerance for each bin limit is ± 0.5 nm
Blue Color Range
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440
0.0297
0.1766
0.0966
0.1818
0.0904
0.1374
0.0374
2
464.0
468.0
0.1374
0.0374
0.1699
0.1062
0.1766
0.0966
0.1291
0.0495
3
468.0
472.0
0.1291
0.0495
0.1616
0.1209
0.1699
0.1062
0.1187
0.0671
4
472.0
476.0
0.1187
0.0671
0.1517
0.1423
0.1616
0.1209
0.1063
0.0945
5
476.0
480.0
0.1063
0.0945
0.1397
0.1728
0.1517
0.1423
0.0913
0.1327
Tolerance for each bin limit is ± 0.5 nm


Similar Part No. - ALMD-LM36-14002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM36 AVAGO-ALMD-LM36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
More results

Similar Description - ALMD-LM36-14002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
   High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM38 AVAGO-ALMD-LM38 Datasheet
635Kb / 11P
   High Brightness SMT Oval Green and Blue LED Lamps
logo
Broadcom Corporation.
ALMD-LM38 BOARDCOM-ALMD-LM38 Datasheet
635Kb / 11P
   High Brightness SMT Oval Green and Blue LED Lamps
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-EG3D-VX002 AVAGO-ALMD-EG3D-VX002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-EL3D BOARDCOM-ALMD-EL3D Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
AEMD-EG3K BOARDCOM-AEMD-EG3K Datasheet
1Mb / 14P
   High Brightness Red and Amber SMT Round Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com