Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM8825-KIT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZSPM8825-KIT
Description  Evaluation Kit for the ZSPM1025D True Digital PWM Controller and the Murata OKLP-X/25-W12-C Power Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM8825-KIT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZSPM8825-KIT Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ZSPM8825-KIT
Evaluation Kit for the ZSPM1025D Controller
Kit Description
November 26, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 19
The “Murata Power Block” Wizard
Upon start-up of the GUI, a wizard will guide the user through a simple selection process. The wizard will select
the correct configuration data for the ZSPM1025D controller.
The Side Panel
The side panel provides information about the status of the PMBus™ CI and the device connected to the
PMBus™ CI.
The Status & Monitor Tab
The “Status & Monitor” provides monitoring of voltage, current, and temperatures. The status of the internal fault
monitoring is shown.
The CONTROL pin of the ZSPM1025D can be toggled to enable or disable the output of the ZSPM8825
Evaluation Board. The pin-strap configuration indexes for the CONFIG0 and CONFIG1 pins are displayed in the
bottom left corner.
5
Evaluation Kit Setup for a 1.5V Output Voltage
This section covers the steps for powering up the ZSPM8825 Evaluation Kit for the first time.
Important Safety Warning: The following procedures can result in high currents, which can
cause severe injury or death. Only trained professional staff should connect external equipment.
Do not enable the power supply connected to the input terminals until indicated in the following
steps.
Follow these step-by-step instructions to power up the ZSPM8825 Evaluation Board:
Step 1:
Set switches 1 and 5 on DIP switch J5 to ON and make sure no jumper is placed on header J7. The
remainder of the switches must be in the OFF position. This selects the standard configuration for the
ZSPM8825 Evaluation Board. The standard configuration has an output voltage of 1.50V and operates
with the lowest output capacitor range.
Step 2:
Connect the power supply to the connectors labeled CON1 (VINP in Figure 2.1) and CON2 (PGND).
Connect the load to the CON3 (VOUT) and CON4 (PGND) connectors. The load can be either a
resistor or an electronic load. Connect the PMBus
™ CI to connector J3 (see Figure 5.1) and to a USB
port on the user’s PC.
Step 3:
Start the Pink Power Designer™ and follow the instructions given in Pink Power Designer™ Graphic
User Interface (GUI) Guide for the ZSPM1025C/D to select the Murata OKLP-X/25-W12-C Power Block
and the ZSPM1025D controller via the Murata Power Block Wizard. Then c
lick “Finish” to proceed to
the main window of the GUI.


Similar Part No. - ZSPM8825-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM8825-KIT ETC2-ZSPM8825-KIT Datasheet
2Mb / 40P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Integrated Device Techn...
ZSPM8825-KIT IDT-ZSPM8825-KIT Datasheet
1Mb / 38P
   True Digital PWM Controller
logo
Renesas Technology Corp
ZSPM8825-KIT RENESAS-ZSPM8825-KIT Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
More results

Similar Description - ZSPM8825-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM8725-KIT ETC2-ZSPM8725-KIT Datasheet
1Mb / 20P
   Evaluation Kit for the ZSPM1025C True Digital PWM Controller and the Murata OKLP-X/25-W12-C Power Block
logo
Maxim Integrated Produc...
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
   Evaluation Kit for the MAX3678
11/9/2009
logo
STMicroelectronics
UM1059 STMICROELECTRONICS-UM1059 Datasheet
470Kb / 9P
   The STPMC1 and STPMS2 evaluation kit
October 2014 Rev 2
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com