Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM9015ZI1R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZSPM9015ZI1R
Description  Ultra-Compact, High-Performance, High-Frequency DrMOS Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM9015ZI1R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZSPM9015ZI1R Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM9015ZI1R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ZSPM9015
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
Data Sheet
April 26, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 23
1
IC Characteristics
1.1.
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The device might not function or be operable above the
recommended operating conditions. Stresses exceeding the absolute maximum ratings might also damage the
device. In addition, extended exposure to stresses above the recommended operating conditions might affect
device reliability. ZMDI does not recommend designing to the “Absolute Maximum Ratings.”
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Maximum Voltage
– VCIN pin
-0.3
7.0
V
Maximum Voltage
– PWM, DISB#,
THWN# and ZCD_EN# pins
-0.3
6.5
V
Maximum Voltage
– VIN pin
-0.3
30
V
Maximum Voltage to BOOT pin
VSWH pin
-0.3
7.0
V
Maximum Voltage to BOOT pin
PGND pin
-0.3
35.0
V
Maximum Voltage to BOOT pin
PGND pin
< 50ns
-0.3
40.0
V
Maximum Sink Current
– THWN# pin
ITHWN#
30
mA
Maximum Output Current
IOUT
35
A
Thermal Resistance, High-Side
MOSFET
θJPCB
13
°C/W
Thermal Resistance, Low-Side
MOSFET
θJPCB
5
°C/W
Operating Junction Temperature
Tj
0
+150
°C
Storage Temperature Range
TSTOR
-55
+150
°C
Electrostatic Discharge Protection
ESD
JEDEC
JESD22-A114
HBM Class 1B
Latch-Up Protection
LU
JEDEC JESD78
Class 1 Level A
Moisture Sensitivity Level
MSL
3


Similar Part No. - ZSPM9015ZI1R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM9015ZI1R IDT-ZSPM9015ZI1R Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015ZI1R RENESAS-ZSPM9015ZI1R Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
More results

Similar Description - ZSPM9015ZI1R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
List of Unclassifed Man...
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com