Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT7823 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT7823
Description  COMPACT SIZE TIMER COMMON OPTIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT7823 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT7823 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT7823 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT7823 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The protective cover is applicable for the exposed type plug-in and stand-up
type timers (PMH, MHP-M, MHP)
• Compact timer DIN terminal socket: M3.5
Tolerance: ±0.5 ±.020
Tolerance: ±0.5 ±.020
• Compact size round terminal socket: M35
• GT pipe socket
Tolerance: ±0.5 ±.020
• Mounting rail (Applicable for DIN, IEC standards)
• Fastening plate
• Holding clip for stand-up GT pipe
Tolerance: ±1.0 ±.039
All types of our
compact size
timers can
beeasily installed
on the DIN rail by
using this termi-
nal socket.
AT8-RFD
AT8-RFV
AW68102
AT8-DLA1
Length: 1 m
Aluminum
ATA4806
AT7808
The height of the DIN rail should
be added to the overall height A.
Note: Terminal
number on the
main body are
identical to those
on the terminal
socket.
Note: Terminal number
on the main body are
identical to those on
the terminal socket.
When installing the
terminal socket:
Installing the
terminal socket
Installing the
holding clip
Mounting hole
dimensions
Use the M3
screws for
installation.
Pitch for installing the
timer
When installing the clips
vertically, the pitch for
the timer should be 79
mm or more.
Mounting hole dimensions
Mounting hole dimensions
Without DIN rails
Wiring diagrams
(TOP VIEW)
Wiring diagrams
(TOP VIEW)
37.2
1.465
71
2.795
24.5
.965
Wire holding clip
Approx.
87.2
3.433
Approx.
91.6
3.606
A
±
71
2.795
34
0.2
±
1.339
.008
The minimum distance
between the holes which
areparallel drilled.
40 1.575
37.2
1.465
2-M4 2-M.157 screw hole
(or
4.2±0.1
.165±.004 hole)
φ
φ
71
82
64
53
71
82
64
53
20
.787
38
1.496
72
2.835
Wire holding
clip
±
72
2.835
34
0.2
±
1.339
.008
The minimum distance
between the holes which
areparallel drilled.
40 1.575
38
1.496
2-M4 2-M.157 screw hole
(or
4.2±0.1
.165±.004 hole)
φ
φ
39
1.535
48.4
1.906
33
1.299
16
.630
2-3.2
× 6 Fixing hole
2-.087
× 6
4.8
.189
63
2.480
Approx. 60
2.362
Approx.
64
2.520
(or
3.5
.138
hole)
30
1.181 hole
39
1.535
screw hole
2-M3 2-M.118
φ
φ
φ
φ
Oval hole: 40-5.5x15 .217x.591
.217
5.5
15
5
10
7.5
.295
1.5
.059
35
1.378
24
.945
±
2.75R .108R
15
1,000
15
.591
.591
.591
.591 .394
.394
.197
.197
10
1
±
39.37 .039
27
1.063
5
15
M4
M.157
ATA4806
12
.472
10
.394
10
.394
50
1.969
COMPACT SIZE TIMER COMMON OPTIONS
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AT7823

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
AT78C1507 ATMEL-AT78C1507 Datasheet
107Kb / 14P
   DVD/CD Read Channel
AT78C4050 ATMEL-AT78C4050 Datasheet
137Kb / 5P
   DVD PRML Channel and System Controller SoC
More results

Similar Description - AT7823

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT8-DA4 ETC2-AT8-DA4 Datasheet
221Kb / 2P
   DIN SIZE TIMERS COMMON OPTIONS
9050JCK60V20 ETC2-9050JCK60V20 Datasheet
53Kb / 1P
   TIMER RELAY 240VAC 10AMP OPTIONS
logo
Omron Electronics LLC
Y92F31 OMRON-Y92F31 Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com