Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-IF70.1M-19C Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 813-IF70.1M-19C
Description  70.1MHz IF SAW Filter 19.82MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-IF70.1M-19C Datasheet(HTML) 3 Page - Oscilent Corporation

  813-IF70.1M-19C Datasheet HTML 1Page - Oscilent Corporation 813-IF70.1M-19C Datasheet HTML 2Page - Oscilent Corporation 813-IF70.1M-19C Datasheet HTML 3Page - Oscilent Corporation 813-IF70.1M-19C Datasheet HTML 4Page - Oscilent Corporation 813-IF70.1M-19C Datasheet HTML 5Page - Oscilent Corporation 813-IF70.1M-19C Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
813-IF70.1M-19C
January 2011 Rev A
70.1MHz IF SAW Filter 19.82MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-
25
-
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
70.05
70.1
70.20
Insertion Loss at Fo
dB
-
27.0
29.0
Temperature Coefficient
ppm/°C
-
-72
-
Amplitude Ripple within fo ±9.65 MHz
dBp-p
-
0.6
1.0
Group Delay Variation within fo ±9.65 MHz
nsec
-
30
80
Absolute Delay at Fo
µsec
-
1.69
-
Bandwidth at –1.0 dB
MHz
19.70
19.83
-
Bandwidth at –3.0 dB
MHz
-
20.36
-
Bandwidth at –40.0 dB
MHz
-
22.38
22.50
Relative Attenuation:
Fo ±14.42 MHz
dB
-
50
Lower Sidelobe
dB
-
50
-
Upper Sidelobe
dB
-
50
-


Similar Part No. - 813-IF70.1M-19C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF70.1M-19B OSCILENT-813-IF70.1M-19B Datasheet
217Kb / 6P
   70.1MHz IF SAW Filter 19.51MHz Bandwidth
More results

Similar Description - 813-IF70.1M-19C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF70.1M-19B OSCILENT-813-IF70.1M-19B Datasheet
217Kb / 6P
   70.1MHz IF SAW Filter 19.51MHz Bandwidth
logo
SIPAT Co,Ltd
LBN12903 SIPAT-LBN12903 Datasheet
142Kb / 4P
   129.1MHz IF SAW Filter 18MHz Bandwidth
LBS12025 SIPAT-LBS12025 Datasheet
144Kb / 4P
   119.6MHz IF SAW Filter 2MHz Bandwidth
LBS13007 SIPAT-LBS13007 Datasheet
141Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
LBS14099 SIPAT-LBS14099 Datasheet
140Kb / 4P
   140MHz IF SAW Filter 3MHz Bandwidth
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
logo
SIPAT Co,Ltd
LBS13007 SIPAT-LBS13007 Datasheet
146Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
logo
Oscilent Corporation
813-IF120.0M-11B OSCILENT-813-IF120.0M-11B Datasheet
217Kb / 6P
   120.0MHz IF SAW Filter 11.47MHz Bandwidth
813-IF120.3M-10A OSCILENT-813-IF120.3M-10A Datasheet
214Kb / 6P
   120.3MHz IF SAW Filter 10.55MHz Bandwidth
813-SL85.1M-22B OSCILENT-813-SL85.1M-22B Datasheet
214Kb / 6P
   85.10MHz IF SAW Filter 22.20MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com