Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-IF84.0M-26A Datasheet(PDF) 5 Page - Oscilent Corporation

Part # 813-IF84.0M-26A
Description  84.0 MHz IF SAW Filter 26.2 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-IF84.0M-26A Datasheet(HTML) 5 Page - Oscilent Corporation

  813-IF84.0M-26A Datasheet HTML 1Page - Oscilent Corporation 813-IF84.0M-26A Datasheet HTML 2Page - Oscilent Corporation 813-IF84.0M-26A Datasheet HTML 3Page - Oscilent Corporation 813-IF84.0M-26A Datasheet HTML 4Page - Oscilent Corporation 813-IF84.0M-26A Datasheet HTML 5Page - Oscilent Corporation 813-IF84.0M-26A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Oscilent Part Number
813-IF84.0M-26A
January 2011 Rev A
84.0 MHz IF SAW Filter 26.2 MHz Bandwidth
Product Specification
P. 4
www.oscilent.com
Ripple Variation Fo±12.5MHz
Group Delay Variation Fo±12.5MHz
Smith Chart


Similar Part No. - 813-IF84.0M-26A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF83.0625M-02A OSCILENT-813-IF83.0625M-02A Datasheet
207Kb / 6P
   83.0625MHz IF SAW Filter 2.17MHz Bandwidth
813-IF85.0M-20B OSCILENT-813-IF85.0M-20B Datasheet
221Kb / 6P
   85.0 MHz IF SAW Filter 20.46 MHz Bandwidth
More results

Similar Description - 813-IF84.0M-26A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA08426AV TRANSKO-TA08426AV Datasheet
591Kb / 4P
   84.00 MHz IF SAW Filter / 26.2 MHz Bandwidth
Revision 0: 03. Apr. 2008
logo
Oscilent Corporation
813-IF133.5M-26A OSCILENT-813-IF133.5M-26A Datasheet
219Kb / 6P
   133.5 MHz IF SAW Filter 26.2 MHz Bandwidth
logo
Transko Electronics, In...
TA13326AV TRANSKO-TA13326AV Datasheet
586Kb / 4P
   133.5 MHz IF SAW Filter / 26.2 MHz Bandwidth
Revision 0: 04. Apr. 2008
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF120.0M-15B OSCILENT-821-IF120.0M-15B Datasheet
219Kb / 6P
   120.0 MHz IF SAW Filter 15.90 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com