Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS850 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BS850
Description  P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BS850 Datasheet(HTML) 2 Page - Diodes Incorporated

  BS850 Datasheet HTML 1Page - Diodes Incorporated BS850 Datasheet HTML 2Page - Diodes Incorporated BS850 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS11402 Rev. F-3
2 of 3
BS850
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Device mounted on ceramic substrate 0.7mm; 2.5 cm2 area.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Drain-Source Breakdown Voltage
-V(BR)DSS
60
90
V
-ID = 100µA, VGS = 0
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
-VGS =VDS, –ID = 1.0mA
Gate-Body Leakage Current
-IGSS
10
nA
-VGS = 15V, VDS = 0
Drain-Source Cutoff Current
-IDSS
0.5
µA
-VDS = 25V, VGS = 0
Drain-Source ON Resistance
rDS (ON)
3.5
5.0
W
-VGS = 10V, –ID = 0.2A
Thermal Resistance, Junction to Ambient Air
RqJA
400
K/W
Note 1
Thermal Resistance Junction to
Substrate Backside
RqJSB
320
K/W
Note 1
Forward Transconductance
gFS
200
m
m
-VDS = 10V, –ID = 0.2A,
f = 1.0MHz
Input Capacitance
Ciss
—60—
pF
-VDS = 10V, VGS=0, f = 1.0MHz
Switching Times
Turn On Time
Turn Off Time
ton
toff
5.0
25
—ns
-VGS = 10V, –VDS = 10V,
RD = 100
W
DISCONTINUED,
FOR NEW DESIGN
USE BSS84


Similar Part No. - BS850

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BS850 GE-BS850 Datasheet
248Kb / 5P
   DMOS Transistors (P-Channel)
More results

Similar Description - BS850

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS208 DIODES-BS208 Datasheet
62Kb / 2P
   P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS21901 Rev. E-3
BS817 DIODES-BS817 Datasheet
58Kb / 2P
   P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS11401 Rev. D-3
BS250 DIODES-BS250 Datasheet
62Kb / 2P
   P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS21902 Rev. D-3
logo
NXP Semiconductors
BSS84.215 NXP-BSS84.215 Datasheet
77Kb / 11P
   P-channel enhancement mode vertical DMOS transistor
Rev. 06-16 December 2008
BSS84 NXP-BSS84 Datasheet
70Kb / 11P
   P-channel enhancement mode vertical DMOS transistor
Rev. 06-16 December 2008
logo
Nexperia B.V. All right...
BSS84 NEXPERIA-BSS84 Datasheet
192Kb / 12P
   P-channel enhancement mode vertical DMOS transistor
Rev. 06 - 16 December 2008
logo
Seme LAB
ZVP2106B SEME-LAB-ZVP2106B Datasheet
15Kb / 2P
   P CHANNEL ENHANCEMENT MODE DMOS FET
logo
Diodes Incorporated
BS807 DIODES-BS807 Datasheet
63Kb / 3P
   N-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS11301 Rev. D-3
logo
Supertex, Inc
TP2635 SUTEX-TP2635 Datasheet
457Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP0645 SUTEX-VP0645 Datasheet
62Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com