Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT08802 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT08802
Description  88MHz SAW Filter 6MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT08802 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT08802 Datasheet HTML 1Page - SIPAT Co,Ltd LBT08802 Datasheet HTML 2Page - SIPAT Co,Ltd LBT08802 Datasheet HTML 3Page - SIPAT Co,Ltd LBT08802 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT08802
Rev. Date
2007-3-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
88MHz SAW Filter
6MHz Bandwidth
Part Number: LBT08802
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
87.9
88
88.1
Insertion Loss
dB
-
31
33
1 dB Bandwidth
MHz
6.25
6.32
-
3 dB Bandwidth
MHz
-
6.47
-
35 dB Bandwidth
MHz
-
7.01
7.1
40 dB Bandwidth
MHz
-
7.04
-
45 dB Bandwidth
MHz
-
7.06
7.4
50 dB Bandwidth
MHz
-
7.1
8.2
55 dB Bandwidth
MHz
-
7.17
16.2
Passband Variation
dB
-
0.6
1.0
Absolute Delay
usec
-
4.5
4.5
Ultimate Rejection(f0±15MHz)
dB
60
63
-
Material Temperature coefficient
KHz/°C
-1.58
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=82nH L2=100nH
C1=82pF C2=56pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBT08802

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT08802 SIPAT-LBT08802 Datasheet
153Kb / 4P
   88MHz SAW Filter 6MHz Bandwidth
More results

Similar Description - LBT08802

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT08802 SIPAT-LBT08802 Datasheet
153Kb / 4P
   88MHz SAW Filter 6MHz Bandwidth
LBS13405 SIPAT-LBS13405 Datasheet
148Kb / 3P
   133.9MHz SAW Filter 6MHz Bandwidth
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
   422.5MHz SAW Filter 6MHz Bandwidth
LB140DS32 SIPAT-LB140DS32 Datasheet
178Kb / 3P
   140MHz SAW Filter 6MHz Bandwidth
LBT14078 SIPAT-LBT14078 Datasheet
283Kb / 3P
   140MHz SAW Filter 6MHz Bandwidth
LBS12044 SIPAT-LBS12044 Datasheet
133Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12005 SIPAT-LBT12005 Datasheet
149Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT10603 SIPAT-LBT10603 Datasheet
149Kb / 3P
   106.2MHz SAW Filter 6MHz Bandwidth
LBT11521 SIPAT-LBT11521 Datasheet
145Kb / 3P
   115MHz SAW Filter 6MHz Bandwidth
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
   422.5MHz SAW Filter 6MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com