Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C3V3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C3V3
Description  SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C3V3 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C3V3 Datasheet HTML 1Page - Diodes Incorporated BZT52C3V3 Datasheet HTML 2Page - Diodes Incorporated BZT52C3V3 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18004 Rev. 19 - 2
1 of 3
BZT52C2V4 - BZT52C39
·
Planar Die Construction
·
500mW Power Dissipation on Ceramic PCB
·
General Purpose, Medium Current
·
Ideally Suited for Automated Assembly
Processes
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
305
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
2. Short duration test pulse used to minimize self-heating effect.
Mechanical Data
BZT52C2V4 - BZT52C39
SURFACE MOUNT ZENER DIODE
A
B
C
D
E
G
a
H
J
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
1.35
E
0.55 Typical
G
0.25
H
0.11 Typical
J
0.10
a
0
°
8
°
All Dimensions in mm
·
Case: SOD-123, Plastic
·
UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: See Below
·
Weight: 0.01 grams (approx.)
·
Ordering Information: See Page 4
Marking Information
XX
XX = Product Type Marking Code (See Page 2)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
Code
JK
L
M
N
PR
S
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D


Similar Part No. - BZT52C3V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C3V3 TSC-BZT52C3V3 Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
logo
Micro Commercial Compon...
BZT52C3V3 MCC-BZT52C3V3 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
logo
Galaxy Semi-Conductor H...
BZT52C3V3 BILIN-BZT52C3V3 Datasheet
203Kb / 5P
   Surface mount zener diode
logo
SEMTECH ELECTRONICS LTD...
BZT52C3V3 SEMTECH_ELEC-BZT52C3V3 Datasheet
159Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
BZT52C3V3 CHENDA-BZT52C3V3 Datasheet
902Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C3V3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com