Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT10103 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT10103
Description  101.3MHz IF SAW Filter 5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT10103 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT10103 Datasheet HTML 1Page - SIPAT Co,Ltd LBT10103 Datasheet HTML 2Page - SIPAT Co,Ltd LBT10103 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT10103
Rev. Date
2007-09-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
101.3MHz IF SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT10103
Typical Performance
Frequency Respond
Passband Respond
90
95
100
105
110
115
-114.0752
-104.0752
-94.0752
-84.0752
-74.0752
-64.0752
-54.0752
-44.0752
-34.0752
-24.0752
-14.0752
Type Performance
Frequency(MHz)
3dB CF = 101.334MHz
1.5dB = 5.0585MHz
3dB = 5.1942MHz
35dB = 5.7787MHz
40dB = 5.8166MHz
45dB = 5.8467MHz
50dB = 5.8767MHz
55dB = 5.9053MHz
Insert Loss = -24.0752dB
Passband Ripple = 1.2158dB
Ultimate Rejection = 54.9661dB
Group Delay = 133.8822ns
Phase Linearity = 17.3734deg
Delay = 4.6565us
97
98
99
100
101
102
103
104
105
-26.0752
-25.5752
-25.0752
-24.5752
-24.0752
-23.5752
-23.0752
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.5MHz)
Phase Linearity(f0±2.5MHz)
97
98
99
100
101
102
103
104
105
106
4100
4200
4300
4400
4500
4600
4700
4800
4900
5000
X: 101.3
Y: 4677
Type Performance
Frequency(MHz)
X: 98.79
Y: 4553
X: 103.8
Y: 4558
97
98
99
100
101
102
103
104
105
106
-60
-50
-40
-30
-20
-10
0
10
20
30
40
X: 103.8
Y: 8.257
Type Performance
Frequency(MHz)
X: 98.79
Y: -1.412
X: 101.3
Y: -1.224
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT10103

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10103 SIPAT-LBT10103 Datasheet
145Kb / 3P
   101.3MHz IF SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT10103

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10103 SIPAT-LBT10103 Datasheet
145Kb / 3P
   101.3MHz IF SAW Filter 5MHz Bandwidth
LBT10102 SIPAT-LBT10102 Datasheet
144Kb / 3P
   101.3MHz SAW Filter 5MHz Bandwidth
LBT10102 SIPAT-LBT10102 Datasheet
138Kb / 3P
   101.3MHz SAW Filter 5MHz Bandwidth
LBN70A42 SIPAT-LBN70A42 Datasheet
145Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBS11551 SIPAT-LBS11551 Datasheet
147Kb / 4P
   115MHz IF SAW Filter 5MHz Bandwidth
LBT7028S SIPAT-LBT7028S Datasheet
147Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBT09609 SIPAT-LBT09609 Datasheet
153Kb / 3P
   96MHz IF SAW Filter 5MHz Bandwidth
LBT7028S SIPAT-LBT7028S Datasheet
141Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBT09609 SIPAT-LBT09609 Datasheet
148Kb / 3P
   96MHz IF SAW Filter 5MHz Bandwidth
LBS45601 SIPAT-LBS45601 Datasheet
138Kb / 4P
   456MHz IF SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com