Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6P0206N-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C6P0206N-A
Description  0.92 DIAMETER 1.0 AMP 28 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C6P0206N-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C6P0206N-A Datasheet HTML 1Page - List of Unclassifed Manufacturers C6P0206N-A Datasheet HTML 2Page - List of Unclassifed Manufacturers C6P0206N-A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1 amp @ 28 VDC; 1 amp @ 125 VAC.
Current Carrying Capacity: 5 amps.
Dielectric Strength: 1,000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 20 milliohms.
Insulation Resistance: In excess of 10,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
C5 - SOLDER LUG TERMINALS
SWITCHES - 30
° INDEX - ADJUSTABLE STOPS - SET @ 2 POS. - SEALED
C5 - P.C. TERMINALS
SWITCHES - 30
° INDEX - ADJUSTABLE STOPS - SET @ 2 POS. - SEALED
C5/C6 - SERIES
0.92" DIAMETER
1.0 AMP @ 28 VDC
The C5 Series offers a very economical and lightweight design. Standard
features include 30
° indexing up to 12 positions, solder lug terminals, fixed
stops, and both internal and external seals for washability.
The C6 Series offers the same features in an unsealed design.
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Terminals and Contacts: Brass with silver plate as standard.
Insulation: Polyester.
Index: Molded live spring detent.
Index Life: 10,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard.
Index Stops: Fixed standard, adjustable, or continuous available.
Stop Strength: 4.5 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 55.
STANDARD CONSTRUCTION
12
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
SPECIFICATIONS AND ORDERING INFORMATION
ACTIVE
POLES/
NO. OF
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
ACTIVE
POLES/
NO. OF
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
01
02-12
1
1
C5P0112N - A
CE
01
02-12
1
1
C5P0112N - RA
CE
02
02-06
2
1
C5P0206N - A
CJ
02
02-06
2
1
C5P0206N - RA
CJ
03
02-04
3
1
C5P0304N - A
CL
03
02-04
3
1
C5P0304N - RA
CL
04
02-03
4
1
C5P0403N - A
CM
04
02-03
4
1
C5P0403N - RA CM
C6 - UNSEALED
C6 - UNSEALED
01
02-12
1
1
C6P0112N - A
CE
01
02-12
1
1
C6P0112N - RA
CE
02
02-06
2
1
C6P0206N - A
CJ
02
02-06
2
1
C6P0206N - RA
CJ
03
02-04
3
1
C6P0304N - A
CL
03
02-04
3
1
C6P0304N - RA
CL
04
02-03
4
1
C6P0403N - A
CM
04
02-03
4
1
C6P0403N - RA CM


Similar Description - C6P0206N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M4D0112S ETC2-M4D0112S Datasheet
58Kb / 2P
   1.43 DIAMETER 1.0 AMP 28 VDC
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
   2 1/32 DIAMETER 1.0 AMP 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com