Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3G0402S-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E3G0402S-1
Description  1 1/2 DIAMETER 1.5 AMPS 28 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E3G0402S-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E3G0402S-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.5 amps @ 28 VDC; 0.5 amp @ 115 VAC.
Current Carrying Capacity: 9 amps.
Dielectric Strength: 1,500 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3.5 milliohms.
Insulation Resistance: In excess of 750,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
E3 - SERIES
1 1/2" DIAMETER
1.5 AMPS @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Brass with silver plate as standard.
Insulation: Glass epoxy.
Index: Coil spring.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard.
Index Stops: Fixed stops standard.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
STANDARD CONSTRUCTION
E3G - GLASS EPOXY CONSTRUCTION
SPRING RETURN
SWITCHES - 30
° INDEXING - FIXED STOPS - SOLDER LUG TERMINALS
ACTIVE
POLES/
NO. OF
SHORTING
NON-
POLES POSITIONS SECTION SECTIONS
SHORTING
DESCRIPTION
39
04
02
4
1
E3G0402S-1
E3G0402N-1
.......... SPRING RETURN FROM CLOCKWISE.
06
03
3
2
E3G0603S-2
E3G0603N-2
.......... SPRING RETURN BOTH SIDES TO CENTER.
06
03
3
2
E3G0603S-3
E3G0603N-3
.......... SPRING RETURN CLOCKWISE TO CENTER, POSITIVE INDEX COUNTER CLOCKWISE OF CENTER.
SPECIFICATIONS AND ORDERING INFORMATION
The E3 Series was designed to provide spring return action in an open frame
construction. Standard construction is available with 2 or 3 positions, 30
°
index, and solder lug terminals.
1.187
1.187


Similar Part No. - E3G0402S-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G OMRON-E3G Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
FOTEK CONTROLS CO., LTD...
E3G-8MX FOTEK-E3G-8MX Datasheet
2Mb / 4P
   Pree Power Photo Sensor
E3G-8MXB FOTEK-E3G-8MXB Datasheet
2Mb / 4P
   Pree Power Photo Sensor
logo
Omron Electronics LLC
E3G-L1 OMRON-E3G-L1 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
More results

Similar Description - E3G0402S-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
   2 1/32 DIAMETER 1.0 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com