Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZN-2R5D206K8T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DZN-2R5D206K8T
Description  High power type Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DZN-2R5D206K8T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DZN-2R5D206K8T Datasheet HTML 1Page - List of Unclassifed Manufacturers DZN-2R5D206K8T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marking color : White print on a blue sleeve
Low internal resistance allows boosting charge and heavy-current discharge.
(ampere level)
Pollution-Free ; with no pollutants such as Cd or Pb.
Unlike batteries, excellent charge and
discharge characteristics with no chemical
reaction
Outline Drawing
Unit : mm
Specifications
Item
Performance
Tolerance at rated capacitance (%)
Internal resistance
at 1 kHz
Characteristics at high
and low temperature
Endurance (70℃)
Shelf life (70℃)
Test time : 1000 hours ; Same as endurance.
ー25 to +70
ー20 to +80
Percentage of capacitance change
Internal resistance
Within ±30% of the value at 20
Less than five times of the value at 20
Test time
Percentage of capacitance change
Internal resistance
1000 hours
Within ±30% of the initial measured value
Less than four times of the initial specified value
Category temperature range (℃)
Applicable standards
Conforms to JIS C5160-1 2009 (IEC 62391-1 2006)
Refer to the following page
L+αmax.
15min.
Sleeve
L+2max.
Sleeve
Vent
1.5±0.1
6.3±1
Lug terminal details
0.9±0.1 Thickness : 0.8t
Position of printed
circuit board holes
(‒) Negative terminal
indicated by cross notching
2.1
2‒φ2
Markings
φ6.3 to φ18
5
min.
φd±0.05
copper clad steel wire (tinned)
φ25, 35
8
3.5
6.3
2.5
φD
F
φd
α
10
12.5
5.0
18
16
7.5
0.8
2.0
0.6
Part numbering system (example : 2.5V10F)
̶
DZN
Series code
2R5
Rated voltage
symbol
106
Rated capacitance
symbol
T
(H8)
Casing
symbol
D
Terminal
code
Part number is refer to the following page.
204
CAT.No.2013/2014E
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
®
DZN
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”


Similar Description - DZN-2R5D206K8T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DZ-2R5D105 ETC2-DZ-2R5D105 Datasheet
59Kb / 2P
   High Energy type Capacitors
logo
YAGEO Corporation
PNP300JR-73 YAGEO-PNP300JR-73 Datasheet
187Kb / 2P
   High Power Type
logo
Semtech Corporation
4020 SEMTECH-4020 Datasheet
95Kb / 2P
   HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Taiyo Yuden (U.S.A.), I...
UMK325AB7106KM-P TAIYO-YUDEN-UMK325AB7106KM-P Datasheet
438Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106MM-P TAIYO-YUDEN-UMK325BJ106MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK063BJ153MP-F TAIYO-YUDEN-EMK063BJ153MP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105AC6105KV-F TAIYO-YUDEN-TMK105AC6105KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK325ABJ476MM-P TAIYO-YUDEN-TMK325ABJ476MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK105CC6225KV-F TAIYO-YUDEN-EMK105CC6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK316BBJ227ML-TE TAIYO-YUDEN-JMK316BBJ227ML-TE Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com