Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4C1205S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E4C1205S
Description  2 13/16 DIAMETER 11.0 AMPS 28 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E4C1205S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E4C1205S Datasheet HTML 1Page - List of Unclassifed Manufacturers E4C1205S Datasheet HTML 2Page - List of Unclassifed Manufacturers E4C1205S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION SECTIONS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION SECTIONS
SHORTING
*
20
° INDEXING
SWITCHES ADJUSTABLE STOPS - SOLDER LUG TERMINALS - STOPS SET @ 2 POS.
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
11.0 amps @ 28 VDC; 9.0 amps @ 115 VAC.
Current Carrying Capacity: 17 amps.
Dielectric Strength: 3000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 7.0 milliohms.
Insulation Resistance: In excess of 1,000,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
SPECIFICATIONS AND ORDERING INFORMATION
E4 - SERIES
2 13/16" DIAMETER
11.0 AMPS @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Contacts and Collector Rings: Coin silver as standard.
Insulation: Ceramic.
Index: Dual-ball, hill and valley design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 20
° standard.
Index Stops: Adjustable stops standard, fixed or continuous.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 57.
STANDARD CONSTRUCTION
E4C - CERAMIC CONSTRUCTION
40
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
The E4 Series was designed to offer maximum power ratings in an electronic
open frame switch. Standard construction consists of a 20
° index, 2-17
positions, and solder lug terminals.
01
02-17
1
1
E4C0117S
E4C0117N
EA
06
02-17
1
6
E4C0617S
E4C0617N
EA
02
02-17
1
2
E4C0217S
E4C0217N
EA
06
02-08
2
3
E4C0608S
E4C0608N
EB
02
02-08
2
1
E4C0208S
E4C0208N
EB
06
02-05
3
2
E4C0605S
E4C0605N
EC
03
02-17
1
3
E4C0317S
E4C0317N
EA
08
02-08
2
4
E4C0808S
E4C0808N
EB
03
02-05
3
1
E4C0305S
E4C0305N
EC
09
02-05
3
3
E4C0905S
E4C0905N
EC
04
02-17
1
4
E4C0417S
E4C0417N
EA
10
02-08
2
5
E4C1008S
E4C1008N
EB
04
02-08
2
2
E4C0408S
E4C0408N
EB
12
02-05
3
4
E4C1205S
E4C1205N
EC
05
02-17
1
5
E4C0517S
E4C0517N
EA
15
02-05
3
5
E4C1505S
E4C1505N
EC


Similar Part No. - E4C1205S

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
E4C3 EDAL-E4C3 Datasheet
1Mb / 2P
   Silicon Power Rectifiers
More results

Similar Description - E4C1205S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
   2 5/16 DIAMETER 2.25 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com