Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6M2T2R Datasheet(PDF) 5 Page - Rohm

Part # EM6M2T2R
Description  1.2V Drive Nch Pch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EM6M2T2R Datasheet(HTML) 5 Page - Rohm

  EM6M2T2R Datasheet HTML 1Page - Rohm EM6M2T2R Datasheet HTML 2Page - Rohm EM6M2T2R Datasheet HTML 3Page - Rohm EM6M2T2R Datasheet HTML 4Page - Rohm EM6M2T2R Datasheet HTML 5Page - Rohm EM6M2T2R Datasheet HTML 6Page - Rohm EM6M2T2R Datasheet HTML 7Page - Rohm EM6M2T2R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/7
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.07 - Rev.A
Data Sheet
EM6M2
P-ch
Electrical characteristic curve
0
0.05
0.1
0.15
0.2
02
46
8
10
Ta=25°C
Pulsed
VGS= -1.0V
VGS= -1.2V
VGS= -4.5V
VGS= -2.5V
VGS= -1.8V
VGS= -1.5V
0
0.05
0.1
0.15
0.2
0
0.2
0.4
0.6
0.8
1
VGS= -2.5V
VGS= -2.0V
VGS= -1.8V
VGS= -10.0V
VGS= -4.5V
VGS= -3.2V
VGS= -1.2V
VGS= -1.0V
VGS= -1.5V
Ta=25°C
Pulsed
0.0001
0.001
0.01
0.1
1
00.5
1
1.5
VDS= -10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
100
1000
10000
0.001
0.01
0.1
1
VGS= -1.2V
VGS= -1.5V
VGS= -1.8V
VGS= -2.5V
VGS= -4.5V
Ta=25°C
Pulsed
100
1000
10000
0.001
0.01
0.1
1
VGS= -2.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
100
1000
10000
0.001
0.01
0.1
1
VGS= -4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
100
1000
10000
0.001
0.01
0.1
1
VGS= -1.8V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical output characteristics(
Ⅰ)
Fig.2 Typical output characteristics(
Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(
Ι )
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(
Π)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(
Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(
Ⅳ)
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
100
1000
10000
0.001
0.01
0.1
VGS= -1.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(
Ⅴ)
DRAIN-CURRENT : -ID[A]
100
1000
10000
0.001
0.01
0.1
VGS= -1.2V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
DRAIN-CURRENT : -ID[A]
Fig.9 Static Drain-Source On-State
Resistance vs. Drain Current(
Ⅵ)


Similar Part No. - EM6M2T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6M2 ROHM-EM6M2 Datasheet
273Kb / 8P
   1.2V Drive NchPch MOSFET
More results

Similar Description - EM6M2T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6M2 ROHM-EM6M2 Datasheet
273Kb / 8P
   1.2V Drive NchPch MOSFET
VT6M1 ROHM-VT6M1 Datasheet
1Mb / 9P
   1.2V Drive Nch Pch MOSFET
VT6J1 ROHM-VT6J1 Datasheet
1Mb / 6P
   1.2V Drive Pch Pch MOSFET
RZM002P02T2L ROHM-RZM002P02T2L Datasheet
164Kb / 5P
   1.2V Drive Pch MOSFET
RZE002P02 ROHM-RZE002P02 Datasheet
225Kb / 5P
   1.2V Drive Pch MOSFET
RZM002P02 ROHM-RZM002P02 Datasheet
224Kb / 5P
   1.2V Drive Pch MOSFET
RU1C002ZP ROHM-RU1C002ZP Datasheet
975Kb / 6P
   1.2V Drive Pch MOSFET
EM6J1 ROHM-EM6J1 Datasheet
237Kb / 5P
   1.2V Drive Pch MOSFET
RZB002P02 ROHM-RZB002P02 Datasheet
294Kb / 6P
   1.2V Drive Pch MOSFET
RZE002P02 ROHM-RZE002P02 Datasheet
225Kb / 5P
   1.2V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com