Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL95.0M-19A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 813-SL95.0M-19A
Description  95.0 MHz IF SAW Filter 19.42 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL95.0M-19A Datasheet(HTML) 2 Page - Oscilent Corporation

  813-SL95.0M-19A Datasheet HTML 1Page - Oscilent Corporation 813-SL95.0M-19A Datasheet HTML 2Page - Oscilent Corporation 813-SL95.0M-19A Datasheet HTML 3Page - Oscilent Corporation 813-SL95.0M-19A Datasheet HTML 4Page - Oscilent Corporation 813-SL95.0M-19A Datasheet HTML 5Page - Oscilent Corporation 813-SL95.0M-19A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oscilent Part Number
813-SL95.0M-19A
January 2011 Rev A
95.0 MHz IF SAW Filter 19.42 MHz Bandwidth
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Pin Description
A, B, C, D, F, G, H, I, J, L Ground
E Input
K Output
Test Fixture & Values
Input L1=150nH, C1=20p
Output L2=120nH, C2=33p
Source/Load Impedance 50 Ω


Similar Part No. - 813-SL95.0M-19A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL95.0M-15 OSCILENT-813-SL95.0M-15 Datasheet
280Kb / 2P
   IF SAW Filter
813-SL95.0M-15 OSCILENT-813-SL95.0M-15_14 Datasheet
206Kb / 4P
   95.0MHz IF SAW Filter 14.2MHz Bandwidth
More results

Similar Description - 813-SL95.0M-19A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL09519AV TRANSKO-TL09519AV Datasheet
571Kb / 4P
   95.0 MHz IF SAW Filter / 19.42 MHz Bandwidth
Revision 0: 06 Aug. 2008
TL09506AV TRANSKO-TL09506AV Datasheet
671Kb / 5P
   95.0 MHz IF SAW Filter / 6.70 MHz Bandwidth
Revision 0: 19 Jul. 2012
TL9515V TRANSKO-TL9515V Datasheet
416Kb / 3P
   95.0 MHz IF SAW Filter / 14.2 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL09559AV TRANSKO-TL09559AV Datasheet
568Kb / 4P
   95.0 MHz IF SAW Filter / 59.40 MHz Bandwidth
Revision 0: 20 Aug. 2008
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com