Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL109.5M-20A Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 813-SL109.5M-20A
Description  109.5 MHz IF SAW Filter 20.3 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL109.5M-20A Datasheet(HTML) 3 Page - Oscilent Corporation

  813-SL109.5M-20A Datasheet HTML 1Page - Oscilent Corporation 813-SL109.5M-20A Datasheet HTML 2Page - Oscilent Corporation 813-SL109.5M-20A Datasheet HTML 3Page - Oscilent Corporation 813-SL109.5M-20A Datasheet HTML 4Page - Oscilent Corporation 813-SL109.5M-20A Datasheet HTML 5Page - Oscilent Corporation 813-SL109.5M-20A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
813-SL109.5M-20A
January 2011 Rev A
109.5 MHz IF SAW Filter 20.3 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
0
70
Storage Temperature Range
°C
-30
-
80
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
109.5
-
Insertion Loss at Fo
dB
-
13.5
15.0
Group Delay Variation (Fo±9.22MHz)
ns
-
35
80
Absolute Delay
us
-
1.16
-
Passband Ripple (Fo±9.22MHz)
dB
-
0.45
1.0
Bandwidth at -1dB
MHz
18.44
20.3
-
Bandwidth at -10dB
MHz
-
21.9
22.3
Bandwidth at -20dB
MHz
-
22.6
23.0
Bandwidth at -30dB
MHz
23.3
23.6
Bandwidth at -40dB
MHz
-
24.0
-
Ultimate Rejection
dB
40
45
-
Temperature Coefficient of Frequency
ppm/
°C
-86


Similar Part No. - 813-SL109.5M-20A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL100.0M-28 OSCILENT-813-SL100.0M-28 Datasheet
284Kb / 2P
   Low-Loss 100MHz
813-SL100.0M-28 OSCILENT-813-SL100.0M-28 Datasheet
122Kb / 4P
   Low-Loss 100MHz IF SAW Filter 28MHz Bandwidth
813-SL100.0M-28 OSCILENT-813-SL100.0M-28_14 Datasheet
122Kb / 4P
   Low-Loss 100MHz IF SAW Filter 28MHz Bandwidth
813-SL104.0M-05A OSCILENT-813-SL104.0M-05A Datasheet
214Kb / 6P
   104.0MHz IF SAW Filter 5.60MHz Bandwidth
More results

Similar Description - 813-SL109.5M-20A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL10920AV TRANSKO-TL10920AV Datasheet
580Kb / 4P
   109.5 MHz IF SAW Filter / 20.3 MHz Bandwidth
Revision 0: 03 Apr. 2008
TA10920AD1 TRANSKO-TA10920AD1 Datasheet
572Kb / 4P
   109.5 MHz IF SAW Filter / 20.35 MHz Bandwidth
Revision 0: 22. Jul. 2008
logo
Oscilent Corporation
821-IF109.5M-20A OSCILENT-821-IF109.5M-20A Datasheet
214Kb / 6P
   109.5 MHz IF SAW Filter 20.35 MHz Bandwidth
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF120.0M-15B OSCILENT-821-IF120.0M-15B Datasheet
219Kb / 6P
   120.0 MHz IF SAW Filter 15.90 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com