Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL125.0M-09B Datasheet(PDF) 6 Page - Oscilent Corporation

Part # 813-SL125.0M-09B
Description  125.0 MHz IF SAW Filter 9.60 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL125.0M-09B Datasheet(HTML) 6 Page - Oscilent Corporation

  813-SL125.0M-09B Datasheet HTML 1Page - Oscilent Corporation 813-SL125.0M-09B Datasheet HTML 2Page - Oscilent Corporation 813-SL125.0M-09B Datasheet HTML 3Page - Oscilent Corporation 813-SL125.0M-09B Datasheet HTML 4Page - Oscilent Corporation 813-SL125.0M-09B Datasheet HTML 5Page - Oscilent Corporation 813-SL125.0M-09B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oscilent Part Number
813-SL125.0M-09B
January 2011 Rev A
125.0 MHz IF SAW Filter 9.60 MHz Bandwidth
Product Specification
P. 5
www.oscilent.com
VSWR


Similar Part No. - 813-SL125.0M-09B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL125.0M-09A OSCILENT-813-SL125.0M-09A Datasheet
219Kb / 6P
   125.0 MHz IF SAW Filter 9.40 MHz Bandwidth
More results

Similar Description - 813-SL125.0M-09B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL12509BV TRANSKO-TL12509BV Datasheet
568Kb / 4P
   125.0 MHz IF SAW Filter / 9.60 MHz Bandwidth
Revision 0: 17 Jul. 2008
logo
Oscilent Corporation
813-SL125.0M-10A OSCILENT-813-SL125.0M-10A Datasheet
229Kb / 6P
   125.0 MHz IF SAW Filter 10.85 MHz Bandwidth
logo
Transko Electronics, In...
TL12529AV TRANSKO-TL12529AV Datasheet
569Kb / 4P
   125.0 MHz IF SAW Filter / 29.9 MHz Bandwidth
Revision 0: 26 May 2008
logo
Oscilent Corporation
813-SL125.0M-29A OSCILENT-813-SL125.0M-29A Datasheet
219Kb / 6P
   125.0 MHz IF SAW Filter 29.9 MHz Bandwidth
logo
Transko Electronics, In...
TL12509AV TRANSKO-TL12509AV Datasheet
561Kb / 4P
   125.0 MHz IF SAW Filter / 9.40 MHz Bandwidth
Revision 0: 30 May 2008
logo
Oscilent Corporation
813-SL125.0M-09A OSCILENT-813-SL125.0M-09A Datasheet
219Kb / 6P
   125.0 MHz IF SAW Filter 9.40 MHz Bandwidth
logo
Transko Electronics, In...
TL12516AV TRANSKO-TL12516AV Datasheet
635Kb / 4P
   125.0 MHz IF SAW Filter / 16.75 MHz Bandwidth
Revision 1: 28 Oct. 2010
TL12510AV TRANSKO-TL12510AV Datasheet
579Kb / 4P
   125.0 MHz IF SAW Filter / 10.85 MHz Bandwidth
Revision 1: 01 Sep. 2008
logo
Oscilent Corporation
835-IF125.0M-30B OSCILENT-835-IF125.0M-30B Datasheet
183Kb / 6P
   125.0 MHz IF SAW Filter 29.24 MHz Bandwidth
logo
Integrated Technology F...
253201B ITF-253201B Datasheet
164Kb / 2P
   125.0 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com