Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214T2271K101 Datasheet(PDF) 5 Page - EPCOS

Part # B72214T2271K101
Description  SIOV metal oxide varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214T2271K101 Datasheet(HTML) 5 Page - EPCOS

  B72214T2271K101 Datasheet HTML 1Page - EPCOS B72214T2271K101 Datasheet HTML 2Page - EPCOS B72214T2271K101 Datasheet HTML 3Page - EPCOS B72214T2271K101 Datasheet HTML 4Page - EPCOS B72214T2271K101 Datasheet HTML 5Page - EPCOS B72214T2271K101 Datasheet HTML 6Page - EPCOS B72214T2271K101 Datasheet HTML 7Page - EPCOS B72214T2271K101 Datasheet HTML 8Page - EPCOS B72214T2271K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called Vv (1 mADC @ 0.2 … 2 s).
To meet the specified value.
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20
µs) applied.
To meet the specified value.
Surge current derating,
8/20
µs
CECC 42 000, test C 2.1
100 surge currents (8/20
µs), unipolar,
interval 30 s, amplitude corresponding
to derating curve for 100 impulses
at 20
µs
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Surge current derating,
2ms
CECC 42 000, test C 2.1
100 surge currents (2 ms), unipolar,
interval 120 s, amplitude corresponding
to derating curve for 100 impulses
at 2 ms
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Abnormal overvoltage test
UL1449, limited current abnormal over-
voltage test. Apply a high AC voltage
to ThermoFuse varistor, the amplitude
of overvoltage and current limit will be
adopted from UL1449 general instruc-
tion in section 37. The specimen will be
tested on a softwood surface covered
with a double layer of white tissue
paper. The specimen is to be loosely
draped with a double layer of cheese-
cloth. The cheesecloth shall cover
openings where flame, molten or other
particles may be expelled as a result of
the test. The test result will be visually
inspected.
Any of these phenomena
shall not be observed, or
this specimen will be
judged as failed part.
1. Emission of flame,
molten metal, glowing
or flaming particles
through any openings
(pre-existed or created
as a result of the test)
in the product.
2. Charring, glowing, or
flaming of the supporting
surface, tissue paper,
or cheesecloth.
3. Ignition of the enclosure.
4. Creation of any openings
in the enclosure that
result in accessibility of
live parts, when judged
in accordance with
accessibility of live parts,
UL1449 section 13.
ThermoFuse varistors, ETFV14 series
Housed varistors


Similar Part No. - B72214T2271K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214T2271K101 EPCOS-B72214T2271K101 Datasheet
90Kb / 10P
   SIOV metal oxide varistors
More results

Similar Description - B72214T2271K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com