Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFK2A330P Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEFK2A330P
Description  Aluminum Electrolytic Capacitors/ FK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK2A330P Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEFK2A330P Datasheet HTML 1Page - Panasonic Semiconductor EEEFK2A330P Datasheet HTML 2Page - Panasonic Semiconductor EEEFK2A330P Datasheet HTML 3Page - Panasonic Semiconductor EEEFK2A330P Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
– EE65 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
35
4.7
4
5.8
B
90
1.35
0.12
EEEFK1V4R7R
(1)
2000
10
45.8
(B)
90
1.35
0.12
EEEFK1V100UR
(1)
2000
55.8
C
160
0.70
0.12
EEEFK1V100R
(1)
1000
22
5
5.8
C
160
0.70
0.12
EEEFK1V220R
(1)
1000
33
6.3
5.8
D
240
0.36
0.12
EEEFK1V330P
(1)
1000
47
6.3
5.8
D
240
0.36
0.12
EEEFK1V470P
(1)
1000
68
6.3
7.7
D8
280
0.34
0.12
EEEFK1V680XP
(1)
900
100
6.3
7.7
D8
280
0.34
0.12
EEEFK1V101XP
(1)
900
810.2
F
600
0.16
0.12
EEEFK1V101P
(2)
500
150
8
10.2
F
600
0.16
0.12
EEEFK1V151P
(2)
500
220
8
10.2
F
600
0.16
0.12
EEEFK1V221P
(2)
500
330
10
10.2
G
850
0.08
0.12
EEEFK1V331P
(2)
500
470
12.5
13.5
H13
1100
0.06
0.12
EEVFK1V471Q
(3)
200
680
12.5
13.5
H13
1100
0.06
0.12
EEVFK1V681Q
(3)
200
1000
16
16.5
J16
1800
0.035
0.12
EEVFK1V102M
(3)
125
1500
16
16.5
J16
1800
0.035
0.12
EEVFK1V152M
(3)
125
50
4.7
4
5.8
B
60
2.90
0.10
EEEFK1H4R7R
(1)
2000
10
55.8
(C)
85
1.52
0.10
EEEFK1H100UR
(1)
1000
6.3
5.8
D
165
0.88
0.10
EEEFK1H100P
(1)
1000
22
6.3
5.8
D
165
0.88
0.10
EEEFK1H220P
(1)
1000
33
6.3
7.7
D8
195
0.68
0.10
EEEFK1H330XP
(1)
900
86.2
E
195
0.68
0.10
EEEFK1H330P
(2)
1000
47
6.3
7.7
D8
195
0.68
0.10
EEEFK1H470XP
(1)
900
86.2
E
195
0.68
0.10
EEEFK1H470P
(2)
1000
100
8
10.2
F
350
0.34
0.10
EEEFK1H101P
(2)
500
150
10
10.2
G
6700.18
0.10
EEEFK1H151P
(2)
500
220
10
10.2
G
6700.18
0.10
EEEFK1H221P
(2)
500
330
12.5
13.5
H13
900
0.120.10
EEVFK1H331Q
(3)
200
390
12.5
13.5
H13
900
0.120.10
EEVFK1H391Q
(3)
200
470
16
16.5
J16
1610
0.073
0.10
EEVFK1H471M
(3)
125
560
16
16.5
J16
1610
0.073
0.10
EEVFK1H561M
(3)
125
680
16
16.5
J16
1610
0.073
0.10
EEVFK1H681M
(3)
125
1000
16
16.5
J16
1610
0.073
0.10
EEVFK1H102M
(3)
125
63
4.7
5
5.8
C
50
3.00
0.08
EEEFK1J4R7R
(1)
1000
10
6.3
5.8
D
801.50
0.08
EEEFK1J100P
(1)
1000
22
6.3
7.7
D8
1201.20
0.08
EEEFK1J220XP
(1)
900
86.2
E
120
1.20
0.08
EEEFK1J220P
(2)
1000
33
8
10.2
F
2500.65
0.08
EEEFK1J330P
(2)
500
47
8
10.2
F
2500.65
0.08
EEEFK1J470P
(2)
500
68
8
10.2
(F)
2500.65
0.08
EEEFK1J680UP
(2)
500
100
10
10.2
G
4000.35
0.08
EEEFK1J101P
(2)
500
150
12.5
13.5
H13
800
0.16
0.08
EEVFK1J151Q
(3)
200
220
12.5
13.5
H13
800
0.16
0.08
EEVFK1J221Q
(3)
200
470
16
16.5
J16
1410
0.082
0.08
EEVFK1J471M
(3)
125
680
18
16.5
K16
1690
0.08
0.08
EEVFK1J681M
(3)
125
80
3.3
5
5.8
C
25
5.00
0.08
EEEFK1K3R3R
(1)
1000
4.7
6.3
5.8
D
40
3.00
0.08
EEEFK1K4R7P
(1)
1000
10
6.3
7.7
D8
60
2.40
0.08
EEEFK1K100XP
(1)
900
86.2
E
60
2.40
0.08
EEEFK1K100P
(2)
1000
22
8
10.2
F
1301.30
0.08
EEEFK1K220P
(2)
500
33
8
10.2
F
1301.30
0.08
EEEFK1K330P
(2)
500
47
10
10.2
G
200
0.70
0.08
EEEFK1K470P
(2)
500
68
12.5
13.5
H13
500
0.32
0.08
EEVFK1K680Q
(3)
200
100
12.5
13.5
H13
500
0.32
0.08
EEVFK1K101Q
(3)
200
150
12.5
13.5
H13
500
0.32
0.08
EEVFK1K151Q
(3)
200
330
16
16.5
J16
793
0.17
0.08
EEVFK1K331M
(3)
125
470
18
16.5
K16
917
0.153
0.08
EEVFK1K471M
(3)
125
✽ Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Endurance : 105 °C 2000 h (
> φ12.5 : 5000 h)
Sep. 2010
00


Similar Part No. - EEEFK2A330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
117Kb / 6P
   ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK2A330P PANASONIC-EEEFK2A330P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEEFK2A330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C220AR PANASONIC-EEE-FK1C220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com