Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C20T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84C20T
Description  1500W SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C20T Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C20T Datasheet HTML 1Page - Diodes Incorporated BZX84C20T Datasheet HTML 2Page - Diodes Incorporated BZX84C20T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30262 Rev. 4 - 2
1 of 3
BZX84C2V4T - BZX84C39T
www.diodes.com
BZX84C2V4T - BZX84C39T
150mW SURFACE MOUNT ZENER DIODE
Features
·
Ultra-Small Surface Mount Package
·
Planar Die Construction
·
Zener Voltages from 2.4V - 39V
Mechanical Data
A
M
J
L
D
B C
H
K
G
N
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Maximum Ratings
@ TA = 25
°C unless otherwise specified
·
Case: SOT-523, Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: See Table, Sheet 2
·
Weight: 0.002 grams (approx.)
·
Ordering and Marking Information, see Sheet 2
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm


Similar Part No. - BZX84C20T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C20T DIODES-BZX84C20T Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
BZX84C20T DIODES-BZX84C20T Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
logo
Guangdong Kexin Industr...
BZX84C20T KEXIN-BZX84C20T Datasheet
1Mb / 3P
   ZENER DIODES
logo
Diodes Incorporated
BZX84C20T-7-F DIODES-BZX84C20T-7-F Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
BZX84C20TS DIODES-BZX84C20TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
More results

Similar Description - BZX84C20T

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
1.5SMC6.8 LEIDITECH-1.5SMC6.8 Datasheet
1Mb / 4P
   Surface Mount- 1500W
1.5SMC300 LEIDITECH-1.5SMC300 Datasheet
656Kb / 4P
   Surface Mount- 1500W
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com