Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC10D392E Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELC10D392E
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC10D392E Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELC10D392E Datasheet HTML 1Page - Panasonic Semiconductor ELC10D392E Datasheet HTML 2Page - Panasonic Semiconductor ELC10D392E Datasheet HTML 3Page - Panasonic Semiconductor ELC10D392E Datasheet HTML 4Page - Panasonic Semiconductor ELC10D392E Datasheet HTML 5Page - Panasonic Semiconductor ELC10D392E Datasheet HTML 6Page - Panasonic Semiconductor ELC10D392E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f 6.7 max.
3.0
±0.5
f 0.65
3.0
±0.1
2-
f1.00
±0.05
S
F
Examples Type 06D
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
✽✽ (Tol.±30 %)
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC06D2R2E
2.2
±20
10
✽✽ 0.026
3.400
ELC06D2R7E
2.7
✽✽ 0.028
3.200
ELC06D3R3E
3.3
✽✽ 0.027
3.000
ELC06D3R9E
3.9
✽✽ 0.030
2.800
ELC06D4R7E
4.7
✽✽ 0.033
2.600
ELC06D5R6E
5.6
✽✽ 0.035
2.400
ELC06D6R8E
6.8
0.041
2.000
ELC06D8R2E
8.2
0.048
1.800
ELC06D100E
10.0
0.052
1.700
ELC06D120E
12.0
0.054
1.650
ELC06D150E
15.0
0.059
1.500
ELC06D180E
18.0
0.065
1.250
ELC06D220E
22.0
±10
0.076
1.200
ELC06D270E
27.0
0.083
0.950
ELC06D330E
33.0
0.100
0.900
ELC06D390E
39.0
0.105
0.850
ELC06D470E
47.0
0.120
0.800
ELC06D560E
56.0
0.140
0.750
ELC06D680E
68.0
0.150
0.700
ELC06D820E
82.0
0.210
0.550
ELC06D101E
100.0
0.230
0.500
ELC06D121E
120.0
0.260
0.490
ELC06D151E
150.0
0.370
0.450
ELC06D181E
180.0
0.420
0.400
ELC06D221E
220.0
0.550
0.360
ELC06D271E
270.0
0.650
0.350
ELC06D331E
330.0
0.740
0.300
ELC06D391E
390.0
0.950
0.270
ELC06D471E
470.0
1.080
0.240
ELC06D561E
560.0
1.220
0.220
ELC06D681E
680.0
1.590
0.210
ELC06D821E
820.0
1.760
0.180
ELC06D102E
1000.0
2.490
0.160
ELC06D122E
1200.0
2.760
0.150
ELC06D152E
1500.0
3.240
0.130
ELC06D182E
1800.0
4.560
0.120
ELC06D222E
2200.0
5.180
0.110
ELC06D272E
2700.0
6.080
0.100
ELC06D332E
3300.0
8.800
0.100
ELC06D392E
3900.0
9.470
0.080
ELC06D472E
4700.0
10.900
0.075
ELC06D562E
5600.0
12.300
0.070
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
Feb. 2006


Similar Part No. - ELC10D392E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC10D392E PANASONIC-ELC10D392E Datasheet
771Kb / 10P
   Choke Coils
More results

Similar Description - ELC10D392E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com