Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-K150 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-K150
Description  Minimum luminous intensity specified at 1 mA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-K150 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-K150 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HLMP-D150, HLMP-D155, HLMP-K150 and HLMP-K155
T-13/4 (5 mm), T-1 (3 mm), Low Current,
Double Heterojunction AlGaAs Red LED Lamps
Data Sheet
Features
• Minimum luminous intensity specified at 1 mA
• High light output at low currents
• Wide viewing angle
• Outstanding material efficiency
• Low power/low forward voltage
• CMOS/MOS compatible
• TTL compatible
• Deep red color
Description
These solid state LED lamps utilize double heterojunction
(DH) AlGaAs/GaAs material technology. This LED material
has outstanding light output efficiency at very low drive
currents. The color is deep red at the dominant wave-
length of 637 nanometres. These lamps are ideally suited
for use in applications where high light output is required
with minimum power output.
Applications
• Low power circuits
• Battery powered equipment
• Telecommunication indicators
Package Dimensions
Notes:
1. All dimensions are in mm (inches).
2. An epoxy meniscus may extend about 1 mm (0.040") down the leads.
3. For PCB hole recommendations, see the Precautions section.
25.40 (1.00)
MINIMUM
1.27(0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
5.08 (0.200)
4.57 (0.180)
9.19 (0.362)
8.43 (0.332)
0.65 (0.026) MAX.
CATHODE
0.55 (0.022)
0.40 (0.016)
SQ. TYP.
2.54 (0.100) NOM.
6.10 (0.240)
5.59 (0.220)
6.1 (0.240)
5.6 (0.220)
23.0
(0.90)
MIN.
0.46 (0.018)
SQUARE NOMINAL
2.54 (0.100)
NOM.
CATHODE
1.27 (0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
9.19 (0.362)
8.43 (0.332)
12.44 (0.490)
11.68 (0.460)
1.32 (0.052)
1.02 (0.040)
5.08 (0.200)
4.57 (0.180)
0.65 (0.026) max.
24.1(.95) min.
4.70 (.185)
4.19 (.165)
3.43 (.135)
2.92 (.115)
1.52 (.060)
1.02 (.040)
2.79 (.110)
2.29 (.090)
1.14 (.045)
0.51 (.020)
(0.022) 0.55 SQ. TYP.
(0.016) 0.40
Ø 3.17 (.125)
2.67 (.105)
6.35 (.250)
5.58 (.220)
A.
B.
C.


Similar Part No. - HLMP-K150

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K150 QT-HLMP-K150 Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Fairchild Semiconductor
HLMP-K150 FAIRCHILD-HLMP-K150 Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-K150 HP-HLMP-K150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K150 HP-HLMP-K150 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Everlight Electronics C...
HLMP-K150 EVERLIGHT-HLMP-K150 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
More results

Similar Description - HLMP-K150

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
   Luminous intensity categorized
Rev. 1.5, 22-Apr-13
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com