Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA115TUA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA115TUA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA115TUA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA115TUA Datasheet HTML 1Page - Diodes Incorporated DDTA115TUA Datasheet HTML 2Page - Diodes Incorporated DDTA115TUA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30327 Rev. 2 - 2
2 of 3
DDTA (R1-ONLY SERIES) UA
Characteristic
Symbol
Min
Typ
Max Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾
¾
V
IC = -50mA
Collector-Emitter Breakdown Voltage
BVCEO
-50
¾
¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
¾
¾
V
IE = -50mA
Collector Cutoff Current
ICBO
¾
¾
-0.5
m
A
VCB = -50V
Emitter Cutoff Current
IEBO
¾
¾
-0.5
m
A
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾
¾
-0.3
V
IC/IB = -10mA/-1mA
DDTA113TUA
IC/IB = -5mA/-0.5mA
DDTA123TUA
IC/IB = -2.5mA/-.25mA DDTA143TUA
IC/IB = -1mA/-.1mA
DDTA114TUA
IC/IB = -5mA-/0.5mA
DDTA124TUA
IC/IB = -2.5mA/-.25mA DDTA144TUA
IC/IB = -1mA/-0.1mA
DDTA115TUA
IC/IB = -.5mA/-.05mA
DDTA125TUA
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = -1mA, VCE = -5V
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
XXX = Product Type Marking Code
See Sheet 1 Diagrams
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Device
Packaging
Shipping
DDTA113TUA-7
SOT-323
3000/Tape & Reel
DDTA123TUA-7
SOT-323
3000/Tape & Reel
DDTA143TUA-7
SOT-323
3000/Tape & Reel
DDTA114TUA-7
SOT-323
3000/Tape & Reel
DDTA124TUA-7
SOT-323
3000/Tape & Reel
DDTA144TUA-7
SOT-323
3000/Tape & Reel
DDTA115TUA-7
SOT-323
3000/Tape & Reel
DDTA125TUA-7
SOT-323
3000/Tape & Reel
(Note 2)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key


Similar Part No. - DDTA115TUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA115TUA DIODES-DDTA115TUA Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA115TUA DIODES-DDTA115TUA Datasheet
926Kb / 5P
   PNP PRE-BIASED TRANSISTOR IN SOT323
Rev. 7 - 2 June 2021
DDTA115TUA-7-F DIODES-DDTA115TUA-7-F Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA115TUA-7-F DIODES-DDTA115TUA-7-F Datasheet
926Kb / 5P
   PNP PRE-BIASED TRANSISTOR IN SOT323
Rev. 7 - 2 June 2021
More results

Similar Description - DDTA115TUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA113ZUA DIODES-DDTA113ZUA Datasheet
197Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
DDTA114GUA DIODES-DDTA114GUA Datasheet
193Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 2 - 2
DDTAXXXXUA DIODES-DDTAXXXXUA Datasheet
196Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA113ZUA DIODES-DDTA113ZUA_1 Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
DDTA113TUA DIODES-DDTA113TUA_1 Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA114GUA DIODES-DDTA114GUA_1 Datasheet
458Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 5 - 2
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com