Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2615 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # VCA2615
Description  Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2615 Datasheet(HTML) 9 Page - Texas Instruments

Back Button VCA2615 Datasheet HTML 5Page - Texas Instruments VCA2615 Datasheet HTML 6Page - Texas Instruments VCA2615 Datasheet HTML 7Page - Texas Instruments VCA2615 Datasheet HTML 8Page - Texas Instruments VCA2615 Datasheet HTML 9Page - Texas Instruments VCA2615 Datasheet HTML 10Page - Texas Instruments VCA2615 Datasheet HTML 11Page - Texas Instruments VCA2615 Datasheet HTML 12Page - Texas Instruments VCA2615 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
GainControlVoltage(V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
Frequency(Hz)
1M
1G
3
0
-3
-6
-9
-12
10M
100M
V
=1V
+10mV
G
DC
PP
V
=0.5V
IN
DC
Time(10ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
4
3
2
1
0
-1
V
=1V
IN
DC
Frequency(Hz)
1M
1G
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
10M
100M
V
=+2V
G
V
=0V
G
V
=2V
O
PP
InputReferred
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
GainControlVoltage(V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10MHz
20MHz
1MHz
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Frequency(MHz)
0
20
40
60
80
100
V
=+2V
G
V
=1V
O
PP
VCA821
www.ti.com ....................................................................................................................................... SBOS407B – DECEMBER 2007 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = 6dB (continued)
At TA = +25°C, RL = 100Ω, RF = 453Ω, RG = 453Ω, VG = +2V, VIN = single-ended input on +VIN with –VIN at ground, and
SO-14 package, unless otherwise noted.
GAIN vs GAIN CONTROL VOLTAGE
GAIN CONTROL FREQUENCY RESPONSE
Figure 23.
Figure 24.
GAIN CONTROL PULSE RESPONSE
FULLY-ATTENUATED RESPONSE
Figure 25.
Figure 26.
GROUP DELAY vs GAIN CONTROL VOLTAGE
GROUP DELAY vs FREQUENCY
Figure 27.
Figure 28.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): VCA821


Similar Part No. - VCA2615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2615 BURR-BROWN-VCA2615 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA2615PFBR TI1-VCA2615PFBR Datasheet
1Mb / 33P
[Old version datasheet]   Dual, Low-Noise
VCA2615PFBT TI1-VCA2615PFBT Datasheet
1Mb / 33P
[Old version datasheet]   Dual, Low-Noise
More results

Similar Description - VCA2615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com