Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1601G Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # HER1601G
Description  16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER1601G Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  HER1601G Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER1601G Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (HER1601G thru HER1608G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
4
8
12
16
20
0
50
100
150
CASE TEMPERATURE (
oC)
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
TA=25℃
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4- TYPICAL JUNCTION CAPACITANCE PER LEG
0
40
80
120
160
200
240
1
10
100
1000
REVERSE VOLTAGE (V)
HER1606G-HER1608G
HER1601G-HER1605G
TA=25℃
FIG. 5- TYPICAL FORWARD CHARACTERISRICS
PER LEG
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
HER1606G-HER1608G
HER1605G
HER1601G-HER1604G
TA=25℃
PULSE WIDTH-300us
1% DUTY CYCLE
®
HER1601G thru HER1608G
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04/2014


Similar Part No. - HER1601G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER1601G WTE-HER1601G Datasheet
52Kb / 3P
   16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
HER1601G TSC-HER1601G Datasheet
99Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G Datasheet
179Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER1601G YANGJIE-HER1601G Datasheet
859Kb / 2P
   16.0 AMPS. GLASS PASSIBATED HIGH EFFICIENTRECTIFIERS
logo
RFE international
HER1601G RFE-HER1601G Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
More results

Similar Description - HER1601G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1602CT THINKISEMI-HER1602CT Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER1601GA THINKISEMI-HER1601GA Datasheet
352Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifier
HER1602FCT THINKISEMI-HER1602FCT Datasheet
297Kb / 2P
   16.0 Ampere Insulated Dual Common Cathode High Efficiency Rectifiers
HER1602CA THINKISEMI-HER1602CA Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
MUR1620CT-CTR THINKISEMI-MUR1620CT-CTR Datasheet
268Kb / 2P
   16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifier
F16C20CT THINKISEMI-F16C20CT Datasheet
239Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Fast Recovery Diode
HER2001G THINKISEMI-HER2001G Datasheet
621Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
FR1601CT THINKISEMI-FR1601CT Datasheet
741Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
MUR1620CT-A THINKISEMI-MUR1620CT-A Datasheet
260Kb / 2P
   16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifier
HER2002PT THINKISEMI-HER2002PT Datasheet
278Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com