Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1603GA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # HER1603GA
Description  16.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER1603GA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  HER1603GA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER1603GA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HER
1601GA
HER
1602GA
HER
1603GA
HER
1604GA
HER
1605GA
HER
1606GA
HER
1607GA
HER
1608GA
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
Trr
nS
Cj
pF
RθJC
TJ
TSTG
Maximum DC Blocking Voltage
Maximum Recurrent Peak Reverse Voltage
Type Number
50
80
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
50
Typical Thermal Resistance
10
80
Maximum RMS Voltage
- 65 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
1.5
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
Maximum Reverse Recovery Time (Note 2)
Maximum DC Reverse Current
@ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
IR
A
uA
400
Maximum Average Forward Rectified Current
IF(AV)
16
A
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
1.0
1.3
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
125
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.2 gram approxiamtely
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
®
HER1601GA thru HER1608GA
Pb Free Plating Product
HER1601GA thru HER1608GA
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Pb
16.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifier
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Tandem Polarity
Suffix "GA"
Suffix "GD"
Suffix "G"
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04/2014
℃/W


Similar Part No. - HER1603GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1603GA THINKISEMI-HER1603GA Datasheet
641Kb / 2P
   16Ampere Heat Sink Dual Common Anode High Efficiency Rectifiers
More results

Similar Description - HER1603GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1602CA THINKISEMI-HER1602CA Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER1601G THINKISEMI-HER1601G Datasheet
442Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifier
HER1602FCA THINKISEMI-HER1602FCA Datasheet
270Kb / 2P
   16.0 Ampere Insulated Dual Common Anode High Efficiency Rectifiers
MUR1620CTR-CT THINKISEMI-MUR1620CTR-CT Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
HER1602CT THINKISEMI-HER1602CT Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
MUR1620A-CT THINKISEMI-MUR1620A-CT Datasheet
259Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MUR1620CTR THINKISEMI-MUR1620CTR Datasheet
203Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
HER1001GA THINKISEMI-HER1001GA Datasheet
518Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER2001GA THINKISEMI-HER2001GA Datasheet
621Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER2001CTA THINKISEMI-HER2001CTA Datasheet
622Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com