Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C33W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX84C33W
Description  200mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C33W Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C33W Datasheet HTML 1Page - Diodes Incorporated BZX84C33W Datasheet HTML 2Page - Diodes Incorporated BZX84C33W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30066 Rev. 7 - 2
2 of 3
BZX84C2V4W - BZX84C39W
www.diodes.com
Type
Number
Marking
Code
Zener Voltage
Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum
Reverse Current
(Note 2)
Temperature
Coefficient of
Zener Voltage
@IZT = 5mA
(mV/
°C)
VZ @ IZT
IZT
ZZT @ IZT ZZK @IZK
IZK
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
W
mA
uA
V
Min
Max
BZX84C2V4W
KRB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7W
KRC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0W
KRD
3.0
2.8
3.2
5.0
95
600
1.0
20
1.0
-3.5
0
BZX84C3V3W
KRE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6W
KRF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9W
KRG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3W
KRH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7W
KR1
4.7
4.4
5.0
5.0
80
600
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1W
KR2
5.1
4.8
5.4
5.0
60
500
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6W
KR3
5.6
5.2
6.0
5.0
40
480
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2W
KR4
6.2
5.8
6.6
5.0
10
400
1.0
3.0
4.0
0.4
3.7
BZX84C6V8W
KR5
6.8
6.4
7.2
5.0
15
150
1.0
2.0
4.0
1.2
4.5
BZX84C7V5W
KR6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2W
KR7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1W
KR8
9.1
8.5
9.6
5.0
15
80
1.0
0.5
6.0
3.8
7.0
BZX84C10W
KR9
10
9.4
10.6
5.0
20
100
1.0
0.2
7.0
4.5
8.0
BZX84C11W
KP1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12W
KP2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13W
KP3
13
12.4
14.1
5.0
30
150
1.0
0.1
8.0
7.0
11.0
BZX84C15W
KP4
15
13.8
15.6
5.0
30
170
1.0
0.1
10.5
9.2
13.0
BZX84C16W
KP5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18W
KP6
18
16.8
19.1
5.0
45
200
1.0
0.1
12.6
12.4
16.0
BZX84C20W
KP7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22W
KP8
22
20.8
23.3
5.0
55
225
1.0
0.1
15.4
16.4
20.0
BZX84C24W
KP9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27W
KPA
27
25.1
28.9
2.0
80
250
0.5
0.1
18.9
21.4
25.3
BZX84C30W
KPB
30.0
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33W
KPC
33.0
31.0
35.0
2.0
80
300
0.5
0.1
23.1
27.4
33.4
BZX84C36W
KPD
36.0
34.0
38.0
2.0
90
325
0.5
0.1
25.2
30.4
37.4
BZX84C39W
KPE
39.0
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XXX = Product Type Marking Code
(See Sheet 1 Diagrams)
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
NP
R
ST
U
V
W


Similar Part No. - BZX84C33W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C33W PANJIT-BZX84C33W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZX84C33W LUGUANG-BZX84C33W Datasheet
249Kb / 3P
   Zener Diode
logo
Micro Commercial Compon...
BZX84C33W MCC-BZX84C33W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
logo
Yea Shin Technology Co....
BZX84C33W YEASHIN-BZX84C33W Datasheet
755Kb / 3P
   ZENER DIODE
logo
Diodes Incorporated
BZX84C33W DIODES-BZX84C33W Datasheet
103Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 13 - 2
More results

Similar Description - BZX84C33W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com