Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA124EKA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA124EKA
Description  PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA124EKA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA124EKA Datasheet HTML 1Page - Diodes Incorporated DDTA124EKA Datasheet HTML 2Page - Diodes Incorporated DDTA124EKA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30341 Rev. 3 - 2
2 of 3
DDTA (R1 = R2 SERIES) KA
Characteristic
Symbol
Min
Typ
Max Unit
Test Condition
Input Voltage
Vl(off)
-0.5
-1.1
¾
V
VCC = -5V, IO = -100
mA
Vl(on)
¾
-1.9
-3
VO = -0.3V, IO = -20mA, DDTA123EKA
VO = -0.3V, IO = -20mA, DDTA143EKA
VO = -0.3V, IO = -10mA, DDTA114EKA
VO = -0.3V, IO = -5mA, DDTA124EKA
VO = -0.3V, IO = -2mA, DDTA144EKA
VO = -0.3V, IO = -1mA, DDTA115EKA
Output Voltage
VO(on)
¾
-0.1
-0.3
V
IO/Il = -10mA/-0.5mA, DDTA123EKA
IO/Il = -10mA/-0.5mA, DDTA143EKA
IO/Il = -10mA/-0.5mA, DDTA114EKA
IO/Il = -10mA/-0.5mA, DDTA124EKA
IO/Il = -10mA/-0.5mA, DDTA144EKA
IO/Il = -5mA/-0.25mA, DDTA115EKA
Input Current
DDTA123EKA
DDTA143EKA
DDTA114EKA
DDTA124EKA
DDTA144EKA
DDTA115EKA
Il
¾¾
-3.8
-1.8
-0.88
-0.36
-0.18
-0.15
mA
VI = -5V
Output Current
IO(off)
¾¾
-0.5
mA
VCC = -50V, VI = 0V
DC Current Gain
DDTA123EKA
DDTA143EKA
DDTA114EKA
DDTA124EKA
DDTA144EKA
DDTA115EKA
Gl
20
20
30
56
68
82
¾¾
¾
VO = -5V, IO = -20mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio
R2/R1
0.8
1
1.2
¾
¾
Gain-Bandwidth Product*
fT
¾
250
¾ MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
UV
W
Date Code Key
XXX = Product Type Marking Code
See Sheet 1 Diagrams
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
DDTA123EKA-7
SC-59
3000/Tape & Reel
DDTA143EKA-7
SC-59
3000/Tape & Reel
DDTA114EKA-7
SC-59
3000/Tape & Reel
DDTA124EKA-7
SC-59
3000/Tape & Reel
DDTA144EKA-7
SC-59
3000/Tape & Reel
DDTA115EKA-7
SC-59
3000/Tape & Reel
(Note 2)
Ordering Information


Similar Part No. - DDTA124EKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA124EKA DIODES-DDTA124EKA Datasheet
87Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 7 - 2
DDTA124EKA DIODES-DDTA124EKA Datasheet
135Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30341 Rev. 8 - 2
DDTA124EKA-7-F DIODES-DDTA124EKA-7-F Datasheet
87Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 7 - 2
More results

Similar Description - DDTA124EKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EKA DIODES-DDTA123EKA_1 Datasheet
87Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 7 - 2
DDTA113ZKA DIODES-DDTA113ZKA_1 Datasheet
90Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 6 - 2
DDTA113TKA DIODES-DDTA113TKA_1 Datasheet
92Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30343 Rev. 6 - 2
DDTA114KA DIODES-DDTA114KA_1 Datasheet
86Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30344 Rev. 6 - 2
DDTA113ZKA DIODES-DDTA113ZKA Datasheet
72Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 2 - 2
DDTA114KA DIODES-DDTA114KA Datasheet
69Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30344 Rev. 2 - 2
DDTA113TKA DIODES-DDTA113TKA Datasheet
68Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30343 Rev. 2 - 2
DDTC114GKA DIODES-DDTC114GKA Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30340 Rev. 2 - 2
DDTC123EKA DIODES-DDTC123EKA_1 Datasheet
87Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 7 - 2
DDTC113TKA DIODES-DDTC113TKA Datasheet
69Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com