Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA144WUA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDTA144WUA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA144WUA Datasheet(HTML) 4 Page - Diodes Incorporated

  DDTA144WUA Datasheet HTML 1Page - Diodes Incorporated DDTA144WUA Datasheet HTML 2Page - Diodes Incorporated DDTA144WUA Datasheet HTML 3Page - Diodes Incorporated DDTA144WUA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30326 Rev. 2 - 2
4 of 4
DDTA (R1¹R2 SERIES) UA
0.1
1
10
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Input Voltage vs. Collector Current
V = 0.2
O
-25°C
25°C
75
°C
0.001
0.01
1
10
100
0
1
2
3
4
8
9
10
V , INPUT VOLTAGE (V)
in
Fig. 5 Collector Current Vs. Input Voltage
-25°C
5
6
7
25°C
0.1
V = 5V
O
75°C
0
2
4
6
12
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 4 Output Capacitance
10
5
15
25
8
10
I = 0V
E
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC CURRENT GAIN
V
= 10
CE
75
°C
-25
°C
25
°C
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 2 V
vs. I
CE(SAT)
C
I /I
= 10
C B
-25
°C
75
°C
25
°C
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Derating Curve
TYPICAL CURVES - DDTA123JUA


Similar Part No. - DDTA144WUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA144WUA DIODES-DDTA144WUA Datasheet
196Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA144WUA DIODES-DDTA144WUA Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
DDTA144WUA DIODES-DDTA144WUA Datasheet
141Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA144WUA-7-F DIODES-DDTA144WUA-7-F Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
More results

Similar Description - DDTA144WUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
DDTA114GUA DIODES-DDTA114GUA Datasheet
193Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 2 - 2
DDTAXXXXUA DIODES-DDTAXXXXUA Datasheet
196Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA113TUA DIODES-DDTA113TUA Datasheet
191Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 2 - 2
DDTA113ZUA DIODES-DDTA113ZUA_1 Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
DDTA113TUA DIODES-DDTA113TUA_1 Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA114GUA DIODES-DDTA114GUA_1 Datasheet
458Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 5 - 2
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com