Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT11524 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT11524
Description  115MHz High-Loss SAW Filter 10.1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT11524 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT11524 Datasheet HTML 1Page - SIPAT Co,Ltd LBT11524 Datasheet HTML 2Page - SIPAT Co,Ltd LBT11524 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT11524
Rev. Date
2004-11-1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz High-Loss SAW Filter
10.1MHz Bandwidth
Part Number: LBT11524
Typical Performance
Frequency Respond
Passband Respond
103
106
109
112
115
118
121
124
127
-100.084
-90.084
-80.084
-70.084
-60.084
-50.084
-40.084
-30.084
F(MH )
Type Performance
103
106
109
112
115
118
121
124
127
-100.084
-90.084
-80.084
-70.084
-60.084
-50.084
-40.084
-30.084
Type Performance
Wideband Respond
Phase Linearity
100.9
200.8
300.7
400.6
500.5
600.4
700.3
800.2
900.1
-94.279
-84.279
-74.279
-64.279
-54.279
-44.279
Type Performance
Simth Chart S11
Simth Chart S22


Similar Part No. - LBT11524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT11524 ETC2-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBT11524 SIPAT-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
More results

Similar Description - LBT11524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT11524 ETC2-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBT11524 SIPAT-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
140Kb / 3P
   150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
135Kb / 3P
   150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBT11522 SIPAT-LBT11522 Datasheet
139Kb / 3P
   115MHz High-Loss SAW Filter 8.10MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
144Kb / 3P
   115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
139Kb / 3P
   115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBT11522 SIPAT-LBT11522 Datasheet
145Kb / 3P
   115MHz High-Loss SAW Filter 8.10MHz Bandwidth
LBT11560 SIPAT-LBT11560 Datasheet
141Kb / 3P
   115MHz SAW Filter 4MHz Bandwidth
LBT11561 SIPAT-LBT11561 Datasheet
140Kb / 3P
   115MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com