Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC143XE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC143XE
Description  NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC143XE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC143XE Datasheet HTML 1Page - Diodes Incorporated DDTC143XE Datasheet HTML 2Page - Diodes Incorporated DDTC143XE Datasheet HTML 3Page - Diodes Incorporated DDTC143XE Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30314 Rev. 3 - 2
2 of 4
DDTC (R1
¹R2 SERIES) E
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Device
Packaging
Shipping
DDTC113ZE-7
SOT-523
3000/Tape & Reel
DDTC123YE-7
SOT-523
3000/Tape & Reel
DDTC123JE-7
SOT-523
3000/Tape & Reel
DDTC143XE-7
SOT-523
3000/Tape & Reel
DDTC143FE-7
SOT-523
3000/Tape & Reel
DDTC143ZE-7
SOT-523
3000/Tape & Reel
DDTC114YE-7
SOT-523
3000/Tape & Reel
DDTC114WE-7
SOT-523
3000/Tape & Reel
DDTC124XE-7
SOT-523
3000/Tape & Reel
DDTC144VE-7
SOT-523
3000/Tape & Reel
DDTC144WE-7
SOT-523
3000/Tape & Reel
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information (Note 2)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTC113ZE
DDTC123YE
DDTC123JE
DDTC143XE
DDTC143FE
DDTC143ZE
DDTC114YE
DDTC114WE
DDTC124XE
DDTC144VE
DDTC144WE
Vl(off)
0.3
0.3
0.5
0.3
0.3
0.5
0.3
0.8
0.4
1.0
0.8
¾¾
V
VCC = 5V, IO = 100
mA
DDTC113ZE
DDTC123YE
DDTC123JE
DDTC143XE
DDTC143FE
DDTC143ZE
DDTC114YE
DDTC114WE
DDTC124XE
DDTC144VE
DDTC144WE
Vl(on)
¾¾
3.0
3.0
1.1
2.5
1.3
1.3
1.4
3.0
2.5
5.0
4.0
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 3mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
Output Voltage
VO(on)
¾
0.1
0.3
V
IO/Il = 5mA/0.25mA
DDCT123JE
IO/Il = 5mA/0.25mA
DDCT143ZE
IO/Il = 5mA/0.25mA
DDCT114YE
IO/Il = 10mA/0.5mA
All Others
Input Current
DDTC113ZE
DDTC123YE
DDTC123JE
DDTC143XE
DDTC143FE
DDTC143ZE
DDTC114YE
DDTC114WE
DDTC124XE
DDTC144VE
DDTC144WE
Il
¾¾
7.2
3.8
3.6
1.8
1.8
1.8
0.88
0.88
0.36
0.16
0.16
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DDTC113ZE
DDTC123YE
DDTC123JE
DDTC143XE
DDTC143FE
DDTC143ZE
DDTC114YE
DDTC114WE
DDTC124XE
DDTC144VE
DDTC144WE
Gl
33
33
80
30
68
80
68
24
68
33
56
¾¾
¾
VO = 5V, IO = 10mA
Input Resistor Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
DR2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz


Similar Part No. - DDTC143XE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC143XE DIODES-DDTC143XE Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC143XE-7-F DIODES-DDTC143XE-7-F Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
More results

Similar Description - DDTC143XE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GE DIODES-DDTC114GE Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 3 - 1
DDTC113ZE DIODES-DDTC113ZE_1 Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC114GE DIODES-DDTC114GE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 7 - 2
DDTC123EE DIODES-DDTC123EE Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC113TE DIODES-DDTC113TE Datasheet
71Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 2 - 2
DDTC123EE DIODES-DDTC123EE_1 Datasheet
112Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 8 - 2
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123EE DIODES-DDTA123EE_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 6- 2
DDTA114GE DIODES-DDTA114GE_1 Datasheet
444Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com