Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAFL-20P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EAFL-20P
Description  240X128 INCL. CONTROLLER UC1611S
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAFL-20P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EAFL-20P Datasheet HTML 1Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 2Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 3Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 4Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 5Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 6Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 7Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7
Printing and typographical errors reserved.
ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice.
DOGXL240-7 GRAPHIC
ACCESSORIES: FEMALE
SOCKET EA FL-20P
With the help of the single-row
female connector stripe EA
FL20-P the mounting of the
display is detachable. In addition
the overall height can be adjusted. 2 pieces are required
for one display!
TABLE OF COMMANDS (OVERVIEW)
Command
Command Code
Function
De fault
CD
D7
D6
D5
D4
D3
D2
D1
D0
(1)
WriteDataByte
1
data bit D[7..0]
Write one byte to memory
N/A
(4)
Set Column Address LSB
0
0
0
0
0
CA[3..0]
Set the SRAM column address
CA=0..239
0x00
Set Column Address MSB
0
0
0
1
CA[7..4]
(10)
Set Page Address LSB
0
0
1
1
0
PA[3..0]
Set the SRAM page address
PA=0..15 in black and white mode
0x00
Set Page Address MSB
0
0
1
1
1
0
PA[6..4]
(15) Set RAM Address Control
0
1
0
0
0
1
AC[2..0]
AC0: 0=stop increment at end ,1=warp around
AC1: 0=column, 1=page increment
AC2: Set page increment: 0= +1, 1= -1
0x01
(31) Set Window Start Column
0
1
1
1
1
0
1
0
0
Set Start Column of Window Function
0x00
WPC0[7..0]
(32) Set Window Start Page
0
1
11
1
0
1
0
1
Set Start Page of Window Function
0x00
0
0
WPP0[5..0]
(33) Set Window End Column
0
1
1
1
1
0
1
1
0
Set End Column of Window Function
0xFF
WPC1[7..0]
(34) Set Window End Page
0
1
1
1
1
0
1
1
1
Set End Page of Window Function
0x4F
0
0
WPP1[5..0]
(35) Set Window program mode
0
1
1
1
1
1
0
0
C4
C4: 0=inside 1=outside
0x00
Further information, please download the datasheet of the controller UC1611s from our homepage:
http://www.lcd-module.de/fileadmin/eng/pdf/zubehoer/uc1611s_v1_0.pdf
INITIALISATION EXAMPLE (6:00 VIEW ANGLE)
GRAPHIC RAM
The EA DOG
XL240-7 has integrated a RAM to store 4 complete display contents.
One byte contains 8 dots.
The complete datasheet for the controller UC1611s
can be downloaded on our homepage:
http://www.lcd-module.de/fileadmin/eng/pdf/zubehoer/uc1611s_v1_0.pdf
Initialisation example (bottom view)
Command
CD
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Re mark
[28] Set COM End
0
1
1
1
1
0
0
0
1
$F1
Set last COM electrode to 127
(number of COM electrodes - 1)
0
1
1
1
1
1
1
1
$7F
[29] Set partitial display start
0
1
1
1
1
0
0
1
0
$F2
Set Display start line to 0
0
0
0
0
0
0
0
0
$00
[30] Set partitial display end
0
1
11
1
0
0
1
1
$F3
Set Display end line to 127
0
1
1
1
1
1
1
1
$7F
[11] Set Potentiometer
0
1
00
0
0
0
0
1
$81
Set Contrast
1
0
0
0
1
1
1
1
$8F
[21] Set LCD mapping control
0
1
1
0
0
0
0
0
0
$C0
set bottom view
0
0
0
0
0
0
1
0
$02
[17] Set line rate
0
1
0
1
0
0
0
1
1
$A3
9.4 kilo-lines per second
[5] Temp. Compensation
0
0
0
1
0
0
1
0
1
$25
Set temp. compensation to -0.10%/°C
[20] Set display enable
0
1
0
1
0
1
0
0
1
$A9
Enable display in black and white mode
[23] Set display pattern
0
1
1
0
1
0
0
0
1
$D1


Similar Part No. - EAFL-20P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAFL-20P ETC2-EAFL-20P Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
EAFL-20P ETC2-EAFL-20P Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EAFL-20P ETC2-EAFL-20P Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
More results

Similar Description - EAFL-20P

ManufacturerPart #DatasheetDescription
logo
ShenZhen Jing Handa Ele...
JHD728-240128D JHD-JHD728-240128D Datasheet
256Kb / 1P
   240X128 DOTS
logo
List of Unclassifed Man...
EADIPS082-HN ETC2-EADIPS082-HN Datasheet
491Kb / 5P
   LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
EADIP162-DNLED ETC2-EADIP162-DNLED Datasheet
276Kb / 5P
   LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
EADIP203G-4NLED ETC2-EADIP203G-4NLED Datasheet
374Kb / 5P
   LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
EAOLEDL128-6 ETC-EAOLEDL128-6 Datasheet
1Mb / 10P
   INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
EADIP081-CNLED ETC2-EADIP081-CNLED Datasheet
239Kb / 5P
   LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EAW082-XLG ETC2-EAW082-XLG Datasheet
1Mb / 13P
   OLED-DISPLAYS INCL. CONTROLLER 8-BIT AND 4-BIT
EADIP122-5NLED ETC2-EADIP122-5NLED Datasheet
284Kb / 5P
   LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
logo
LUMEX INC.
LCM-S240128GSF LUMEX-LCM-S240128GSF Datasheet
144Kb / 2P
   240x128 DOT MATRIX GRAPHIC MODULE
LCM-S240128GSR LUMEX-LCM-S240128GSR Datasheet
144Kb / 2P
   240x128 DOT MATRIX GRAPHIC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com