Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA017-12U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EA017-12U
Description  BEZEL FOR DOTMATRIX MODULES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA017-12U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EA017-12U Datasheet HTML 1Page - List of Unclassifed Manufacturers EA017-12U Datasheet HTML 2Page - List of Unclassifed Manufacturers EA017-12U Datasheet HTML 3Page - List of Unclassifed Manufacturers EA017-12U Datasheet HTML 4Page - List of Unclassifed Manufacturers EA017-12U Datasheet HTML 5Page - List of Unclassifed Manufacturers EA017-12U Datasheet HTML 6Page - List of Unclassifed Manufacturers EA017-12U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BEZELS
Page 5
Specifications may be changed without
prior notice. Printing error reserved
FRONTPANEL AND MOUNTING
BEZELS FOR LED-MODULES
WITH 12, 19, 25mm DIGIT HEIGHT
Ordering
viewing area
bezel size
cutout
mounting
matching
information
A
B
C
D
E
F
G
module
EA 074-R
42,7
12,2
63,0
25,5
59,0
21,5
48,5/ M3
4 Digit (LED)
EA 079-R
106,0
12,2
125,5
25,5
121,5
21,5
114,5/ M3
9 Digit (LED)
EA 083-R
43,0
25,0
62,5
38,0
58,5
34,0
50 / M3
3 Digit (LED)
EA 087-K/-R
93,0
25,0
114,0
38,0
110,0
34,0
101
8 Digit (LED)
EA 093-R
38,0
19,5
59,0
32,0
55,0
28,0
45 / M3
3 Digit (LED)
EA 094-R
50,0
19,5
70,5
32,0
66,5
28,0
58 / M3
4 Digit (LED)
EA 096-R
77,0
19,5
97,0
32,0
93,0
28,0
84 / M3
6 Digit (LED)
These bezels are usually delivered with a red acrylicglass window. Alternatively you can order a clear
acrylicglass window. The ordering information is now e.g: EA 096-K insted of EA 096-R.
(all dimensions in mm)


Similar Part No. - EA017-12U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA017-2UKE ETC2-EA017-2UKE Datasheet
239Kb / 5P
   LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EA017-2UKE ETC2-EA017-2UKE Datasheet
276Kb / 5P
   LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
More results

Similar Description - EA017-12U

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYML-23881AXXX FORYARD-FYML-23881AXXX Datasheet
389Kb / 5P
   DOTMATRIX DISPLAY
FYM-34581AX FORYARD-FYM-34581AX Datasheet
441Kb / 5P
   DOTMATRIX DISPLAY
FYM-46581AXX FORYARD-FYM-46581AXX Datasheet
460Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881AXX FORYARD-FYM-19881AXX Datasheet
508Kb / 5P
   DOTMATRIX DISPLAY
FYM-20881CX FORYARD-FYM-20881CX Datasheet
414Kb / 5P
   DOTMATRIX DISPLAY
FYM-23881CXX FORYARD-FYM-23881CXX Datasheet
557Kb / 5P
   DOTMATRIX DISPLAY
FYM-12882CXX FORYARD-FYM-12882CXX Datasheet
500Kb / 5P
   DOTMATRIX DISPLAY
FYM-23882CX FORYARD-FYM-23882CX Datasheet
418Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881CXX FORYARD-FYM-19881CXX Datasheet
554Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CX FORYARD-YM-23581CX Datasheet
425Kb / 5P
   DOTMATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com