Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAIC202-PGH Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EAIC202-PGH
Description  LCD-GRAFIC MODULE 128x64 DOTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAIC202-PGH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EAIC202-PGH Datasheet HTML 1Page - List of Unclassifed Manufacturers EAIC202-PGH Datasheet HTML 2Page - List of Unclassifed Manufacturers EAIC202-PGH Datasheet HTML 3Page - List of Unclassifed Manufacturers EAIC202-PGH Datasheet HTML 4Page - List of Unclassifed Manufacturers EAIC202-PGH Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EADIP128-6
Seite 4
Zeppelinstr. 19 · D-82205 Gilching · Tel. 08105-77 80 90 · Fax 08105-77 80 99 · www.lcd-module.de · info@lcd-module.de
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
DIMENSIONS
EA WF100-10S
ZIF connector for the touch panel as
an accessory.
TOUCH PANEL
Surface of touch panel is anti-glare and scratch-
proof.
Technology: resitive Matrix Touch with 5x3 fixed
fields. Readout will be done like for membrane key-
switches: scan for columns and rows.
Electrical Characteristics
Specification
min
typ
max
Unit
On-Resistance
300
10,000
Voltage
0.5
5
V
Current
10u
10m
A
Contact Force
150
200
g
Contact Bounce
10
ms
Temperature range
-30
+75
°C
Lifetime
1,000,000
cycles
Touch Panel
Pin
Function
1
Column 1
2
Row 1
3
Row 2
4
Row 3
5
N.C.
6
N.C.
7
Column 2
8
Column 3
9
Column 4
10
Column 5
all dimension are in mm
Accessory: EA B254-12
Socket for 0.46mm pins
Hint:
LC-Displays are generally
not suggested for wave
soldering or reflow
soldering. Temperatures
above 90°C may damage
the display immediately.


Similar Part No. - EAIC202-PGH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAIC1520-1PGH ETC2-EAIC1520-1PGH Datasheet
284Kb / 5P
   LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
More results

Similar Description - EAIC202-PGH

ManufacturerPart #DatasheetDescription
logo
ShenZhen Jing Handa Ele...
JHD529-12864F JHD-JHD529-12864F Datasheet
278Kb / 1P
   128X64 DOTS
JHD622-12864E JHD-JHD622-12864E Datasheet
245Kb / 1P
   128X64 DOTS
JHD554-12864J JHD-JHD554-12864J Datasheet
263Kb / 1P
   128X64 DOTS
JHD12864C JHD-JHD12864C Datasheet
241Kb / 1P
   128X64 DOTS
JHD521-12864AB JHD-JHD521-12864AB Datasheet
251Kb / 1P
   128X64 DOTS
JHD12864G JHD-JHD12864G Datasheet
264Kb / 1P
   128X64 DOTS
JHD718-12864H JHD-JHD718-12864H Datasheet
251Kb / 1P
   128X64 DOTS
JHD613-12864 JHD-JHD613-12864 Datasheet
245Kb / 1P
   128X64 DOTS
logo
LUMEX INC.
LCR-U12864GSF-WH LUMEX-LCR-U12864GSF-WH Datasheet
235Kb / 2P
   128x64 GRAPHIC LCD MODULE
logo
List of Unclassifed Man...
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com