Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3P0604N-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C3P0604N-A
Description  0.82 / 1.2 WIDE 0.25 AMP 28 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C3P0604N-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C3P0604N-A Datasheet HTML 1Page - List of Unclassifed Manufacturers C3P0604N-A Datasheet HTML 2Page - List of Unclassifed Manufacturers C3P0604N-A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
195
°
C
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
0.25 amp @ 28 VDC; 0.1 amp @ 125 VAC.
Current Carrying Capacity: 6 amps.
Dielectric Strength: 1,000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 30 milliohms.
Insulation Resistance: In excess of 10,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
C2 - 8 PIN CONSTRUCTION
SWITCHES - 30
° INDEXING
ADJUSTABLE STOPS SET @ 2 POS. - P.C. TERMINALS
C3 - 12 PIN CONSTRUCTION
SWITCHES - 30
° INDEXING
ADJUSTABLE STOPS SET @ 2 POS. - P.C. TERMINALS
SPECIFICATIONS AND ORDERING INFORMATION
C2/C3 - SERIES
0.82 / 1.2" WIDE
0.25 AMP @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Terminals and Contacts: Brass with silver plate as standard.
Insulation: Polyester.
Index: Dual-ball, hill and valley.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 60°, and 90° available.
Index Stops: Fixed standard, adjustable, or continuous available.
Stop Strength: 8 in. lbs. minimum.
STANDARD PART NUMBER
C
2
- DIMENSIONS - 8 PIN DESIGN
* FIGURES ARE SHOWN ON PAGE 55.
C2P - STANDARD 8–PIN PER DECK ARRANGEMENT
8
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
A
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
The C2/C3 Series offers an 8 position and a 12 position vertical P.C. board
mountable design. Standard designs utilize a 30
° index angle and polyester
insulation.
1/4" DIAMETER SHAFTS ARE AVAILABLE.
CONTACT FACTORY.
01
02-08
1
1
C2P0108S - A C2P0108N - A
CD
01
02-12
1
1
C3P0112S - A
C3P0112N - A
CA
02
02-08
1
2
C2P0208S - A C2P0208N - A
CD
02
02-12
1
2
C3P0212S - A
C3P0212N - A
CA
02
02-04
2
1
C2P0204S - A C2P0204N - A
CI
02
02-06
2
1
C3P0206S - A
C3P0206N - A
CH
03
02-08
1
3
C2P0308S - A C2P0308N - A
CD
03
02-04
3
1
C3P0304S - A
C3P0304N - A
CK
04
02-04
2
2
C2P0404S - A C2P0404N - A
CI
03
02-12
1
3
C3P0312S - A
C3P0312N - A
CA
04
02-08
1
4
C2P0408S - A C2P0408N - A
CD
04
02-06
2
2
C3P0406S - A
C3P0406N - A
CH
05
02-08
1
5
C2P0508S - A C2P0508N - A
CD
04
02-12
1
4
C3P0412S - A
C3P0412N - A
CA
06
02-04
2
3
C2P0604S - A C2P0604N - A
CI
06
02-04
3
2
C3P0604S - A
C3P0604N - A
CK


Similar Part No. - C3P0604N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C3P0604N-A ETC2-C3P0604N-A Datasheet
88Kb / 2P
   0.82 / 1.2 WIDE 0.25 AMP 28 VDC
More results

Similar Description - C3P0604N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2P0108S-A ETC2-C2P0108S-A Datasheet
88Kb / 2P
   0.82 / 1.2 WIDE 0.25 AMP 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C5P0112N-A ETC2-C5P0112N-A Datasheet
80Kb / 3P
   0.92 DIAMETER 1.0 AMP 28 VDC
M4D0112S ETC2-M4D0112S Datasheet
58Kb / 2P
   1.43 DIAMETER 1.0 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
logo
Tyco Electronics
CH-27 MACOM-CH-27 Datasheet
39Kb / 1P
   CH-27 2PDT, .75 Amp, 28 VDC
CH-26 MACOM-CH-26 Datasheet
41Kb / 1P
   CH-26 SPST, 1 Amp, 28 VDC
E-348 MACOM-E-348 Datasheet
69Kb / 1P
   E-348 SPST N.O., .25 Amp, 28 VDC
logo
List of Unclassifed Man...
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
   2 1/32 DIAMETER 1.0 AMP 28 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com