Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADOGL128X-6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EADOGL128X-6
Description  DOGL GRAPHIC SERIES 128x64 DOTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADOGL128X-6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EADOGL128X-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers EADOGL128X-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EADOG
L128-6
Page 3
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
5 DIFFERENT TECHNOLOGIES
See below for an overview of available technologies, combinations with available backlights and their usability:
6 AND MORE DIFFERENT BACKLIGHTS
6 and more different backlight colors are available to match equipments design as much as possible. The
most effective and brightest one is the white one EA LED68x51-W.
If you see black and white pictures on this page but you want to see
the colors of the displays, you can download a full-colored version of
this document at
http://www.lcd-module.de/eng/pdf/grafik/dogl128-6e.pdf
display type
technology
optional
backlight
readability
display color
non
backlighted
display color
with
backlighted
recommended
backlight
color
FSTN pos.
transflective
it's fine with and
without backlight
readable even
without
backlight
black on white
black on backlight
color
white, blue, green,
RGB
STN pos.
yellow/green
transmissive
backlight unit
required
readable even
without
backlight
dark green on
yellow/green
black on
yellow/green or
amber
yellow/green,
amber
STN neg. blue
transmissive
usage only with
backlight
---
---
backlight color on
blue background
white, yellow/green
FSTN neg.
transmissive
usage only with
backlight
---
---
backlight color on
black background
white, green, RGB
STN pos.
yellow/green
reflective
no backlight
possible
finest readable
without
backlight
dark green on
yellow/green
---
---
EA LED68x51-RGB
Full Color
EA LED68x51-W
White
EA LED68x51-G
Yellow/green
EA LED68x51-B
Blue
EA LED68x51-A
Amber
EA LED68x51-R
Red
EA LED68x51-E
Green


Similar Part No. - EADOGL128X-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGM081L-A ETC2-EADOGM081L-A Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
EADOGM162B-A ETC2-EADOGM162B-A Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
EADOGM162S-A ETC2-EADOGM162S-A Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
More results

Similar Description - EADOGL128X-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
logo
ShenZhen Jing Handa Ele...
JHD529-12864F JHD-JHD529-12864F Datasheet
278Kb / 1P
   128X64 DOTS
JHD622-12864E JHD-JHD622-12864E Datasheet
245Kb / 1P
   128X64 DOTS
JHD554-12864J JHD-JHD554-12864J Datasheet
263Kb / 1P
   128X64 DOTS
JHD12864C JHD-JHD12864C Datasheet
241Kb / 1P
   128X64 DOTS
JHD521-12864AB JHD-JHD521-12864AB Datasheet
251Kb / 1P
   128X64 DOTS
JHD12864G JHD-JHD12864G Datasheet
264Kb / 1P
   128X64 DOTS
JHD718-12864H JHD-JHD718-12864H Datasheet
251Kb / 1P
   128X64 DOTS
JHD613-12864 JHD-JHD613-12864 Datasheet
245Kb / 1P
   128X64 DOTS
logo
LUMEX INC.
LCM-X12864GXX LUMEX-LCM-X12864GXX Datasheet
127Kb / 2P
   128x64 DOT MATRIX GRAPHIC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com