Electronic Components Datasheet Search |
|
DDTC144VCA Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DDTC144VCA Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 4 page DS30330 Rev. 2 - 2 1 of 4 DDTC (R1 ¹R2 SERIES) CA DDTC (R1¹R2 SERIES) CA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR · Epitaxial Planar Die Construction · Complementary PNP Types Available (DDTA) · Built-In Biasing Resistors, R1 ¹R2 Characteristic Symbol Value Unit Supply Voltage, (3) to (1) VCC 50 V Input Voltage, (2) to (1) DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA VIN -5 to +10 -5 to +12 -5 to +12 -7 to +20 -6 to +30 -5 to +30 -6 to +40 -10 to +30 -10 to +40 -15 to +40 -10 to +40 V Output Current DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA IO 100 100 100 100 100 100 70 100 50 30 30 mA Output Current All IC (Max) 100 mA Power Dissipation Pd 200 mW Thermal Resistance, Junction to Ambient Air (Note 1) RqJA 625 °C/W Operating and Storage and Temperature Range Tj,TSTG -55 to +150 °C Features Maximum Ratings @ TA = 25°C unless otherwise specified A E J L TOP VIEW M B C H G D K OUT IN GND Mechanical Data · Case: SOT-23, Molded Plastic · Case material - UL Flammability Rating 94V-0 · Moisture sensitivity: Level 1 per J-STD-020A · Terminals: Solderable per MIL-STD-202, Method 208 · Terminal Connections: See Diagram · Marking: Date Code and Marking Code (See Diagrams & Page 3) · Weight: 0.008 grams (approx.) · Ordering Information (See Page 2) IN IN R 1 R 2 GND SCHEMATIC DIAGRAM OUT GND OUT P/N R1 (NOM) R2 (NOM) MARKING DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA 1K W 2.2K W 2.2K W 4.7K W 4.7K W 4.7K W 10K W 10K W 22K W 47K W 47K W 10K W 10K W 47K W 10K W 22K W 47K W 47K W 4.7K W 47K W 10K W 22K W N02 N05 N06 N09 N10 N11 N14 N15 N18 N21 N22 SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 E 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.85 0.80 a 0 ° 8 ° All Dimensions in mm Note: 1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. |
Similar Part No. - DDTC144VCA |
|
Similar Description - DDTC144VCA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |