Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EATOUCH128-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EATOUCH128-1
Description  DOGM GRAPHIC SERIES 128x64 DOTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EATOUCH128-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EATOUCH128-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers EATOUCH128-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOGM GRAPHIC SERIES
128x64 DOTS
10.2009
Zeppelinstraße 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
TECHNICAL DATA
* HIGH-CONTRAST LCD SUPERTWIST DISPLAY (STN AND FSTN) WITH 15µm DOT GAP
* OPTIONAL LED BACKLIGHTS IN VARIOUS COLORS
* 128x64 PIXELS (CORRESPONDS TO 8x21 CHARACTERS OR 4x10 LARGE CHARACTERS)
* ST 7565R CONTROLLER WITH SPI (4-WIRE) INTERFACE
* POWER SUPPLY: SINGLE SUPPLY 3.0V TO 3.3V (TYPICALLY 270µA)
* NO ADDITIONAL VOLTAGES REQUIRED
* OPERATING TEMPERATURE RANGE -20°C TO +70°C (STORAGE -30°C TO +80°C)
* LED BACKLIGHTING 5mA TO 40mA
* NO MOUNTING REQUIRED: SIMPLY SOLDER ONTO PCB
ORDERING CODE
GRAPHICS DISPLAY, 128x64, 55x46mm
EA DOGM128X-6
x: W = white background (FSTN pos. transflective)
E = yellow/green background (STN pos. transmissive)
B = blue background (STN neg. transmissive)
S = black background (FSTN neg. transmissive)
L = yellow/green background (STN pos. reflective, cannot be backlit)
LED BACKLIGHT, WHITE
EA LED55X46-W
LED BACKLIGHT, YELLOW/GREEN
EA LED55X46-G
LED BACKLIGHT, BLUE
EA LED55X46-B
LED BACKLIGHT, RED
EA LED55X46-R
LED BACKLIGHT, AMBER
EA LED55X46-A
LED BACKLIGHT, GREEN
EA LED55X46-E
LED BACKLIGHT, FULL COLOR RGB
EA LED55X46-RGB
ACCESSORIES
USB TEST BOARD FOR PC (WINDOWS)
EA 9780-1USB
TOUCH PANEL, 4-WIRE, ANALOG, STICK-ON
EA TOUCH128-1
ZIF CONNECTOR FOR TOUCH PANEL, BOTTOM CONTACT
EA WF100-04S
SOCKET CONNECTOR 4.8 mm HEIGHT (2 PCS. REQUIRED)
EA FL-20P
available
in low
quantities
!
flat: 5.6mm
with LED
b./l. mounted
EA DOGM128W-6 +
EA LED55x46-W
EA DOGM128B-6 +
EA LED55x46-W
EA DOGM128W-6 +
EA LED55x46-A


Similar Part No. - EATOUCH128-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EATOUCH128-29C1 ETC-EATOUCH128-29C1 Datasheet
1Mb / 10P
   INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
More results

Similar Description - EATOUCH128-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
logo
ShenZhen Jing Handa Ele...
JHD529-12864F JHD-JHD529-12864F Datasheet
278Kb / 1P
   128X64 DOTS
JHD622-12864E JHD-JHD622-12864E Datasheet
245Kb / 1P
   128X64 DOTS
JHD554-12864J JHD-JHD554-12864J Datasheet
263Kb / 1P
   128X64 DOTS
JHD12864C JHD-JHD12864C Datasheet
241Kb / 1P
   128X64 DOTS
JHD521-12864AB JHD-JHD521-12864AB Datasheet
251Kb / 1P
   128X64 DOTS
JHD12864G JHD-JHD12864G Datasheet
264Kb / 1P
   128X64 DOTS
JHD718-12864H JHD-JHD718-12864H Datasheet
251Kb / 1P
   128X64 DOTS
JHD613-12864 JHD-JHD613-12864 Datasheet
245Kb / 1P
   128X64 DOTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com