Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EATOUCH102-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EATOUCH102-1
Description  DOGS GRAPHIC SERIES 102x64 DOTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EATOUCH102-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EATOUCH102-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers EATOUCH102-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOGS GRAPHIC SERIES
102x64 DOTS
06.2013
Zeppelinstrasse 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
EA DOGS102W-6 +
EA LED39x41-W
EA DOGS102B-6 +
EA LED39x41-W
EA DOGS102W-6 +
EA LED39x41-A
TECHNICAL DATA
* HIGH-CONTRAST LCD SUPERTWIST DISPLAY (STN AND FSTN) WITH 10µm DOT GAP
* OPTIONAL LED BACKLIGHTS IN VARIOUS COLORS
* 102x64 PIXELS (CORRESPONDS TO 8x17 CHARACTERS OR 4x12 LARGE CHARACTERS)
* UC1701 CONTROLLER WITH SPI (4-WIRE) INTERFACE
* POWER SUPPLY: SINGLE SUPPLY 2.5V TO 3.3V (TYPICALLY 250µA)
* NO ADDITIONAL VOLTAGES REQUIRED
* OPERATING TEMPERATURE RANGE -20°C TO +70°C (STORAGE -30°C TO +80°C)
* LED BACKLIGHTING 5mA TO 80mA
* NO MOUNTING REQUIRED: SIMPLY SOLDER ONTO PCB
ORDERING CODE
GRAPHICS DISPLAY, 102x64, 39x41mm
EA DOGS102x-6
x: W = white background (FSTN pos. transflective)
B = blue background (STN neg. transmissive)
N = superwhite background (FSTN pos. reflective, cannot be backlit)
LED BACKLIGHT, WHITE
EA LED39X41-W
LED BACKLIGHT, AMBER
EA LED39X41-A
LED BACKLIGHT, DUO COLOR GREEN/RED
EA LED39X41-GR
ACCESSORIES
USB TEST BOARD FOR PC (WINDOWS 2000, XP, VISTA)
EA 9780-2USB
TOUCH PANEL, 4-WIRE, ANALOG, STICK-ON
EA TOUCH102-1
ZIF CONNECTOR FOR TOUCH PANEL, BOTTOM CONTACT
EA WF100-04S
10 CHARACTER SETS e.g. 6x8,8x8,8x16,CYRILLIC, FONT EDITOR
EA USBSTICK-FONT
SOCKET 4.8mm HEIGHT (2 pcs. ARE NECCESSARY)
EA FL-14P
available
in
low
quantities
!
flat:
5.5mm
with
LED
b./l.
mounted


Similar Part No. - EATOUCH102-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EATOUCH128-1 ETC2-EATOUCH128-1 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EATOUCH128-29C1 ETC-EATOUCH128-29C1 Datasheet
1Mb / 10P
   INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
EATOUCH160-1 ETC2-EATOUCH160-1 Datasheet
819Kb / 9P
   DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
More results

Similar Description - EATOUCH102-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
   160x36 dots Graphic Module
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM32GS12-1 HANTRONIX-HDM32GS12-1 Datasheet
46Kb / 1P
   122 X 32 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com