Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALED78X64-G Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EALED78X64-G
Description  DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED78X64-G Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EALED78X64-G Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED78X64-G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EADOG
XL160-7
Page 6
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Initialisation example (changes for top view )
Command
CD
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Remark
(19) Set LCD Mapping Control
0
1
1
0
0
0
1
1
0
$C6
SEG (column) and COM (row) mirror
Initialisation example (bottom view)
Command
CD
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Remark
(27) Set COM End
0
1
1
1
1
0
0
0
1
$F1
Set last COM electrode to 103
(number of COM electrodes - 1)
0
1
1
0
0
1
1
1
$67
(19) Set LCD Mapping Control
0
1
1
0
0
0
0
0
0
$C0
SEG (column) and COM (row) normal
(9)
Set Scroll Line LSB
0
0
1
0
0
0
0
0
0
$40
Set Display Startline to 0
Set Scroll Line MSB
0
1
0
1
0
0
0
0
$50
(6) Set Panel Loading
0
0
0
1
0
1
0
1
1
$2B
Set Panelloading to 28..38nF
(24) Set LCD Bias Ratio
0
1
1
1
0
1
0
1
1
$EB
Set Bias to 1/12
(11) Set Vbias Potentiometer
0
1
0
0
0
0
0
0
1
$81
Set Contrast
0
1
0
1
1
1
1
1
$5F
(13) Set RAM Address Control
0
1
0
0
0
1
0
0
1
$89
Set Auto-Increment
(18) Set Display Enable
0
1
0
1
0
1
1
1
1
$AF
Display on
Command
Command Code
Function
CD
D7
D6
D5
D4
D3
D2
D1
D0
(1)
Write Data Byte
1
data bit D[7..0]
Write one byte to memory
(4)
Set Column Address LSB
0
0
0
0
0
CA[3..0]
Set the SRAM column address
CA=0..159
Set Column Address MSB
0
0
0
1
CA[7..4]
(7)
Set Page Address
0
0
1
1
PA[4..0]
Set the SRAM page address PA=0..25
(12) Set Display Enable
0
1
0
1
0
1
1
1
C2
C2=0: disable Display (sleep)
C2=1: enable Display (exit from sleep)
(13) Set RAM Address Control
0
1
0
0
0
1
AC[2..0]
AC0: 0=stop increment at end ,1=warp around
AC1: 0=column, 1=page increment
AC2: Set page increment: 0= +1, 1= -1
(30) Set Window Start Column
0
1
1
1
1
0
1
0
0
Set Start Column of Window Function
WPC0[7..0]
(31) Set Window Start Page
0
1
1
1
1
0
1
0
1
Set Start Page of Window Function
0
0
0
WPP0[4..0]
(32) Set Window End Column
0
1
1
1
1
0
1
1
0
Set End Column of Window Function
WPC1[7..0]
(33) Set Window End Page
0
1
1
1
1
0
1
1
1
Set End Page of Window Function
0
0
0
WPP1[4..0]
(34) Set Window Enable
0
1
1
1
1
1
0
0
C4
C4: 0=disable, 1=enable Window Function
(disable before changing column and pages)
GRAPHIC RAM
The EA DOG
XL160-7 has an internal RAM, each Byte
represents 4 dots on display.
You will find more information in the datasheet of the
UC1610 controller, which is on our website at
http://www.lcd-module.de/eng/pdf/zubehoer/uc1610.pdf
8-Bit = 4-Dots
Bit
Dot
Example Hex
D0
1
00 = off
1
$C3
D1
11 = on
1
D2
2
00 = off
0
D3
11 = on
0
D4
3
00 = off
0
D5
11 = on
0
D6
4
00 = off
1
D7
11 = on
1
12:00 VIEWING ANGLE, TOP VIEW OPTION
If the display is read mostly from above (on the front of
a laboratory power supply unit, for example), the
preferred angle of viewing can be set to 12 o’clock.This
rotates the display by 180°. A slightly different
initialization setup is required for this.
INITIALISATION EXAMPLE (6 O’ CLOCK)
12 o’clock (Top View)
6 o’clock (Bottom View)
UC1610 PROGRAMMING COMMANDS (ESSENCE)


Similar Part No. - EALED78X64-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EALED39X41-A ETC2-EALED39X41-A Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EALED39X41-GR ETC2-EALED39X41-GR Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
logo
Texas Instruments
EALED39X41-W TI1-EALED39X41-W Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
List of Unclassifed Man...
EALED39X41-W ETC2-EALED39X41-W Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EALED55X31-A ETC2-EALED55X31-A Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
More results

Similar Description - EALED78X64-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGS102X-6 ETC2-EADOGS102X-6 Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
   160x36 dots Graphic Module
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com