Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAFL-20P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EAFL-20P
Description  DOGM GRAPHIC SERIES 132x32 DOTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAFL-20P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EAFL-20P Datasheet HTML 1Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 2Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 3Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 4Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 5Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 6Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 7Page - List of Unclassifed Manufacturers EAFL-20P Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EADOGM132-5
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
12:00 VIEWING ANGLE,TOP VIEW OPTION
If the display is read mostly from above (on the front of a laboratory power
supply unit, for example), the preferred angle of viewing can be set to 12
o’clock.This rotaties the display by 180°.Aslightly different initialization
setup is required for this.Also keep in mind that the leftmost column
(normally numbered as 0) will now change to 4.
USB-TEST BOARD EA 9780-1USB
For easy startup, a USB test board is available that can be connected to a PC.A USB cable and Windows
software is supplied with the product. This allows text and images (BMP) to displayed directly on the connected
display. You will find more information on the test board in the EA 9780-1USB data sheet.
SIMULATION WITH WINDOWS
Asimulator window also displays the contents of the display. The
software can simulate all the displays and colors even without the
hardware.You can download the software free from our website:
http://www.lcd-module.de/deu/disk/startdog.zip
Initialisation example top view
Command
A0
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Remark
(8) ADC set
0
1
0
1
0
0
0
0
0
$A0
ADC normal
(15)
Common output mode
select
0
1
1
0
0
1
0
0
0
$C8
Reverse COM31~COM0
Orientation for 12 o`clock (Top View)


Similar Part No. - EAFL-20P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAFL-20P ETC2-EAFL-20P Datasheet
715Kb / 8P
   240X128 INCL. CONTROLLER UC1611S
EAFL-20P ETC2-EAFL-20P Datasheet
1Mb / 9P
   DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
EAFL-20P ETC2-EAFL-20P Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
More results

Similar Description - EAFL-20P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGS102X-6 ETC2-EADOGS102X-6 Datasheet
718Kb / 9P
   DOGS GRAPHIC SERIES 102x64 DOTS
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
   160x36 dots Graphic Module
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM32GS12-1 HANTRONIX-HDM32GS12-1 Datasheet
46Kb / 1P
   122 X 32 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com