Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAFL-14P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EAFL-14P
Description  DOGS GRAPHIC SERIES 102x64 DOTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAFL-14P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EAFL-14P Datasheet HTML 1Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 2Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 3Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 4Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 5Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 6Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 7Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 8Page - List of Unclassifed Manufacturers EAFL-14P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EADOGS102-6
Page 5
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
UC1701 PROGRAMMING COMMANDS
Command
Command Code
Function
CD
D7
D6
D5
D4
D3
D2
D1
D0
(1)
Write Data Byte
1
data bit D[7..0]
Write one byte to memory
(4)
Set Column Address LSB
0
0
0
0
0
CA[3..0]
Set the SRAM column address
CA=0..131
Set Column Address MSB
0
0
0
1
CA[7..4]
(5)
Set Power Control
0
0
0
1
0
1
PC[2..0]
PC0: 0=Booster OFF; 1=Booster ON
PC1: 0=Regulator OFF; 1=Regulator ON
PC2: 0=Follower OFF; 1=Follower ON
(6)
Set Scroll Line
0
0
1
SL[5..0]
Set the display startline number SL=0..63
(7)
Set Page Address
0
1
0
1
1
PA[3..0]
Set the SRAM page address PA=0..7
(8)
Set VLCD Resistor Ratio
0
0
0
1
0
0
PC[5..3]
Configure internal resistor ratio
PC=0..7
(9)
Set Electronic Volume
0
1
0
0
0
0
0
0
1
Adjust contrast of LCD panel
PM=0..63
0
0
PM[5..0]
(10) Set All Pixel On
0
1
0
1
0
0
1
0
C1
C1=0: show SRAM content
C1=1: Set all SEG-Drivers to ON
(11) Set Inverse Display
0
1
0
1
0
0
1
1
C0
C0=0: show normal SRAM content
C0=1: show inverse SRAM content
(12) Set Display Enable
0
1
0
1
0
1
1
1
C2
C2=0: disable Display (sleep)
C2=1: enable Display (exit from sleep)
(13) Set SEG direction
0
1
0
1
0
0
0
0
MX
MX=0: normal SEG 0..131
MX=1: mirror SEG 131..0
(14) Set COM direction
0
1
1
0
0
MY
0
0
0
MY=0: normal COM 0..63
MY=1: mirror COM 63..0
(15) System Reset
0
1
1
1
0
0
0
1
0
System Reset
(17) Set LCD Bias Ratio
0
1
0
1
0
0
0
1
BR
BR: 0=1/9; 1=1/7
(25) Set Adv. Program Control 0
0
1
1
1
1
1
0
1
0
TC: Temp. comp. 0= -0.05; 1= -0,11%/°C
WC: Column wrap around 0=0FF; 1=ON
WP: Page wrap around 0=0FF; 1=ON
TC
0
0
1
0
0
WC
WP
CHARACTER SET AND FONT EDITOR (ACCESSORY)
With the ordering code EA USBSTICK-FONT a memory stick comes with various character sets, especially made
for this small display EA DOGS102-6.An import function allows additionally to useWindows fonts.With the FontEditor
it is easy to generate for example Cyrillic, Greek andArabic
fonts.
The preview function shows immediately the size and style in
simulation window.
When the testboard EA 9780-2USB is connected to the USB
port, you can see the character (or any predefined text) live
on the display !
No need to say that the export function generates a C- and
Basic source code as an include file to your software.


Similar Part No. - EAFL-14P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAFL-16P ETC2-EAFL-16P Datasheet
819Kb / 9P
   DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
More results

Similar Description - EAFL-14P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
   DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
   DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
   DOGM GRAPHIC SERIES 132x32 DOTS
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
   160x36 dots Graphic Module
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM32GS12-1 HANTRONIX-HDM32GS12-1 Datasheet
46Kb / 1P
   122 X 32 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com